Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM330LHBG1 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 117Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 118Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 119Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 120Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 121Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 122Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 123Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 124Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 130 page
background image
9.29
OUTZ_H_G (27h), OUTZ_L_G (26h) ............................................. 60
9.30
OUTX_H_A (29h), OUTX_L_A (28h) ............................................. 61
9.31
OUTY_H_A (2Bh), OUTY_L_A (2Ah)............................................. 61
9.32
OUTZ_H_A (2Dh), OUTZ_L_A (2Ch)............................................. 61
9.33
EMB_FUNC_STATUS_MAINPAGE (35h) ......................................... 62
9.34
FSM_STATUS_A_MAINPAGE (36h) ............................................. 62
9.35
FSM_STATUS_B_MAINPAGE (37h) ............................................. 63
9.36
MLC_STATUS_MAINPAGE (38h)................................................ 63
9.37
FIFO_STATUS1 (3Ah) ......................................................... 64
9.38
FIFO_STATUS2 (3Bh) ......................................................... 64
9.39
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 65
9.40
INT_CFG0 (56h) .............................................................. 66
9.41
INT_CFG1 (58h) .............................................................. 66
9.42
THS_6D (59h) ................................................................ 67
9.43
WAKE_UP_THS (5Bh) ......................................................... 67
9.44
WAKE_UP_DUR (5Ch) ........................................................ 68
9.45
FREE_FALL (5Dh) ............................................................ 68
9.46
MD1_CFG (5Eh) .............................................................. 69
9.47
MD2_CFG (5Fh) .............................................................. 70
9.48
I3C_BUS_AVB (62h)........................................................... 71
9.49
INTERNAL_FREQ_FINE (63h) .................................................. 72
9.50
X_OFS_USR (73h) ............................................................ 73
9.51
Y_OFS_USR (74h) ............................................................ 73
9.52
Z_OFS_USR (75h) ............................................................ 73
9.53
FIFO_DATA_OUT_TAG (78h) ................................................... 74
9.54
FIFO_DATA_OUT_X_H (7Ah) and FIFO_DATA_OUT_X_L (79h) ..................... 75
9.55
FIFO_DATA_OUT_Y_H (7Ch) and FIFO_DATA_OUT_Y_L (7Bh) ..................... 75
9.56
FIFO_DATA_OUT_Z_H (7Eh) and FIFO_DATA_OUT_Z_L (7Dh) ..................... 75
10
Embedded functions register mapping ............................................76
11
Embedded functions register description .........................................78
11.1
PAGE_SEL (02h) ............................................................. 78
11.2
EMB_FUNC_EN_B (05h)....................................................... 78
11.3
PAGE_ADDRESS (08h) ........................................................ 78
11.4
PAGE_VALUE (09h) ........................................................... 79
11.5
EMB_FUNC_INT1 (0Ah) ....................................................... 79
11.6
FSM_INT1_A (0Bh) ........................................................... 80
ASM330LHBG1
Contents
DS14080 - Rev 1
page 121/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com