Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3950 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LP3950 Datasheet HTML 16Page - National Semiconductor (TI) LP3950 Datasheet HTML 17Page - National Semiconductor (TI) LP3950 Datasheet HTML 18Page - National Semiconductor (TI) LP3950 Datasheet HTML 19Page - National Semiconductor (TI) LP3950 Datasheet HTML 20Page - National Semiconductor (TI) LP3950 Datasheet HTML 21Page - National Semiconductor (TI) LP3950 Datasheet HTML 22Page - National Semiconductor (TI) LP3950 Datasheet HTML 23Page - National Semiconductor (TI) LP3950 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Audio Synchronization (Continued)
INPUT BUFFERING
Figure 16 describes the LP3950 audio input buffering struc-
ture in high level. The electric parameters of the buffers are
described in Table Audio Synchronization Characteristics.
Operational amplifiers for both buffers are rail-to-rail input
opamps. The single ended buffer is simply a voltage follower.
DC level of the input signal is generated by a resistor divider.
The differential amplifier is a basic differential-to-single-
ended converter.
AUDIO SYNCHRONIZATION SIGNAL PATH
LP3950 audio synchronization is mainly done digitally and it
consists of following signal path blocks (see Figure 17)
Input buffers
Multiplexer
AD converter
DC remover
Automatic gain control (AGC) / programmable gain
3 band digital filter
Peak detector
Look-up tables (LUT)
Mode selector
Integrators
PWM generator
The digitized input signal has a DC component that is re-
moved by the digital DC REMOVER (-3 dB @
A400 Hz). The
automatic GAIN CONTROL adjusts the input signal to suit-
able range automatically. User can disable AGC and the gain
can be set manually with PROGRAMMABLE GAIN. The
LP3950 has two audio synchronization modes: amplitude
and frequency. For amplitude based synchronization the
PEAK DETECTION method is used. For frequency based
synchronization the three-way crossover FILTER separates
high pass, low pass and band pass signals. For both modes,
a predefined lookup table (LUT) is used to match the audio
visual effect. The MODE SELECTOR selects the synchroni-
zation mode. Reaction speed can be selected using INTE-
GRATOR speed variables. Finally PWM GENERATOR sets
the driver FETs duty cycles.
Schematic Diagram
20129331
FIGURE 16. Audio Input Buffer Structure
Functional Block Diagram
20129332
FIGURE 17. Signal Path Block Diagram
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com