Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F0057 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
Rev. 1.00
64
��to�e� �0� �01�
Rev. 1.00
65
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Interrupt Priority
Interrupts, occurring in the interval between the rising edges of two consecutive T2 pulses, will be
serviced on the latter of the two T2 pulses, if the corresponding interrupts are enabled. In case of
simultaneous requests, the following table shows the priority that is applied.
Interrupt sources
Priority
Vector
Multi-fun�tion inte��upt
1
04H
Compa�ato� 1 output inte��upt
�
08H
External interrupt or LVD interrupt (Selected by configuration option)
3
0CH
Timer/Event Counter 0 overflow
4
14H
Timer/Event Counter 2 overflow or A/D converter interrupt
(Selected by configuration option)
5
18H
The Timer/Event Counter 1 interrupt, comparator 2 interrupt and the comparator 3 interrupt share
the same interrupt vector which is 04H. Each of these interrupts has their own individual interrupt
flag but also share the same MFF interrupt flag. The MFF flag will be cleared by hardware once the
Multi-function interrupt is serviced, however the individual interrupts that have triggered the Multi-
function interrupt need to be cleared by the application program.
External Interrupt
To allow the program to branch to its respective interrupt vector address, the global interrupt enable
bit, EMI, and respective external interrupt enable bit, INTE_LVDE, must first be set. The external
interrupt is triggered by falling edge transition of INT0 (inverted or non-inverted de-bounce signal
from INT or comparator 0 inverting input by software option), an external interrupt request will take
place when the external interrupt request flag, INTF_LVDF, is set. As the external interrupt pin is
pin-shared with the PA2 pin, it can only be configured as the external interrupt pin if the external
interrupt enable bit in the corresponding interrupt register has been set. The pin must also be setup as
an input by setting the corresponding bit in the port control register. When the interrupt is enabled,
the stack is not full, a subroutine call to the external interrupt vector, will take place. When the
interrupt is serviced, the external interrupt request flag, INTF_LVDF, will be automatically reset and
the EMI bit will be automatically cleared to disable other interrupts. Note that any pull-high resistor
selections on the external interrupt pin will remain valid even if the pin is used as an external
interrupt input.
Note that the trigger source of 0CH vector can be LVD interrupt or the external interrupt, which
is selected by the configuration options. The external interrupt must be first selected by the
configuration options before setting the external interrupt function.
LVD Interrupt
An LVD Interrupt request will take place when the LVD Interrupt request flag, INTF_LVDF, is set,
which occurs when the Low Voltage Detector function detects a low power supply voltage. To allow
the program to branch to its respective interrupt vector address, the global interrupt enable bit, EMI,
and Low Voltage Interrupt enable bit, INTE_LVDF, must first be set. When the interrupt is enabled,
the stack is not full and a low voltage condition occurs, a subroutine call to the LVD Interrupt vector,
will take place. When the Low Voltage Interrupt is serviced, the respective interrupt request flag,
INTF_LVDF, will be automatically reset and the EMI bit will be automatically cleared to disable
other interrupts.
Note that the trigger source of 0CH vector can be LVD interrupt or the external interrupt, which is
selected by the configuration options. The LVD interrupt must be first selected by the configuration
options before setting the LVD interrupt function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com