Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2308SC-5HT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2308SC-5HT
Description  3.3V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SC-5HT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2308SC-5HT Datasheet HTML 3Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 4Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 5Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 6Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 7Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 8Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 9Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 10Page - Cypress Semiconductor CY2308SC-5HT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY2308
Document Number: 38-07146 Rev. *E
Page 7 of 15
Switching Characteristics for Industrial Temperature Devices [8]
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30 pF load, All devices
10
–
100
MHz
t1
Output Frequency
20 pF load, –1H, –5H devices[9]
10
–
133.3
MHz
t1
Output Frequency
15 pF load, –1, –2, –3, –4 devices
10
–
133.3
MHz
Duty Cycle[7] = t2 ÷ t1
(–1, –2, –3, –4, –1H, –5H)
Measured at 1.4V, FOUT = 66.66 MHz
30 pF load
40.0
50.0
60.0
%
Duty Cycle[7] = t2 ÷ t1
(–1, –2, –3, –4, –1H, –5H)
Measured at 1.4V, FOUT <50.0 MHz
15 pF load
45.0
50.0
55.0
%
t3
Rise Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
30 pF load
–
–
2.50
ns
t3
Rise Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
15 pF load
–
–
1.50
ns
t3
Rise Time[7]
(–1H, –5H)
Measured between 0.8V and 2.0V,
30 pF load
–
–
1.50
ns
t4
Fall Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
30 pF load
–
–
2.50
ns
t4
Fall Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
15 pF load
–
–
1.50
ns
t4
Fall Time[7]
(–1H, –5H)
Measured between 0.8V and 2.0V,
30 pF load
–
–
1.25
ns
t5
Output to Output Skew on
same Bank (–1, –2, –3, –4)[7]
All outputs equally loaded
–
–
200
ps
Output to Output Skew
(–1H, –5H)
All outputs equally loaded
–
–
200
ps
Output Bank A to Output
Bank B Skew (–1, –4, –5H)
All outputs equally loaded
–
–
200
ps
Output Bank A to Output
Bank B Skew (–2, –3)
All outputs equally loaded
–
–
400
ps
t6
Delay, REF Rising Edge to
FBK Rising Edge[7]
Measured at VDD/2
–
0
±250
ps
t7
Device to Device Skew[7]
Measured at VDD/2 on the FBK pins of
devices
–
0
700
ps
t8
Output Slew Rate[7]
Measured between 0.8V and 2.0V on –1H,
–5H device using Test Circuit 2
1–
–
V/ns
tJ
Cycle to Cycle Jitter[7]
(–1, –1H, –4, –5H)
Measured at 66.67 MHz, loaded outputs,
15 pF load
–
75
200
ps
Measured at 66.67 MHz, loaded outputs,
30 pF load
–
–
200
ps
Measured at 133.3 MHz, loaded outputs,
15 pF load
–
–
100
ps
tJ
Cycle to Cycle Jitter[7]
(–2, –3)
Measured at 66.67 MHz, loaded outputs
30 pF load
–
–
400
ps
Measured at 66.67 MHz, loaded outputs
15 pF load
–
–
400
ps
tLOCK
PLL Lock Time[7]
Stable power supply, valid clocks
presented on REF and FBK pins
––
1.0
ms
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com