Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM7347 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc PM7347 Datasheet HTML 66Page - PMC-Sierra, Inc PM7347 Datasheet HTML 67Page - PMC-Sierra, Inc PM7347 Datasheet HTML 68Page - PMC-Sierra, Inc PM7347 Datasheet HTML 69Page - PMC-Sierra, Inc PM7347 Datasheet HTML 70Page - PMC-Sierra, Inc PM7347 Datasheet HTML 71Page - PMC-Sierra, Inc PM7347 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
68
Document ID: PMC-1990267, Issue 3
Figure 7 HCS Verification State Diagram
DETECTION
MODE
ATM DELINEATION
SYNC STATE
CORRECTION
MODE
No Errors Detected in M
(M = 1, 2, 4, or 8) consecutive cells
(Pass Last Cell)
Apparent Multi-Bit Error
(Drop Cell)
No Errors
Detected
(Pass Cell)
ALPHA
consecutive
incorrect HCS's
(To HUNT state)
DELTA
consecutive
correct HCS's
(From PRESYNC
state)
Single Bit Error
(Correct error
and pass cell)
Drop Cell
In normal operation, the HCS verification state machine remains in the 'Correction' state.
Incoming cells containing no HCS errors are passed to the receive FIFO. Incoming single-bit
errors are corrected, and the resulting cell is passed to the FIFO. Upon detection of a single-bit
error or a multi-bit error, the state machine transitions to the 'Detection' state.
A programmable hysteresis is provided when dropping cells based on HCS errors. When a cell
with an HCS error is detected, the RXCP-50 can be programmed to continue to discard cells until
m (where m = 1, 2, 4, 8) cells are received with a correct HCS. The mth cell is not discarded (see
Figure 7). Note: The dropping of cells due to HCS errors only occurs while the ATMF is in the
SYNC state.
Cell delineation can optionally be disabled, allowing the RXCP-50 to pass all data bytes it
receives.
10.11 RXFF Receive FIFO
The Receive FIFO (RXFF) provides FIFO management and the S/UNI-JET receive cell interface.
The receive FIFO contains four cells. The FIFO provides the cell rate decoupling function
between the transmission system physical layer and the ATM layer.
The general management functions of the RXFF are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com