Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM7347 Datasheet(PDF) 81 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 81 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc PM7347 Datasheet HTML 79Page - PMC-Sierra, Inc PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc PM7347 Datasheet HTML 84Page - PMC-Sierra, Inc PM7347 Datasheet HTML 85Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
81
Document ID: PMC-1990267, Issue 3
11
Normal Mode Register Description
Normal mode registers are used to configure and monitor the operation of the S/UNI-JET .
Normal mode registers (as opposed to test mode registers) are selected when A[10] is low.
Notes on Normal Mode Register Bits:
• Writing values into unused register bits has no effect. However, to ensure software
compatibility with future, feature-enhanced versions of the product, unused register bits must
be written with logic zero. Reading back unused bits can produce either a logic one or a logic
zero; hence, unused register bits should be masked off by software when read.
• All configuration bits that can be written into can also be read back. This allows the processor
controlling the S/UNI-JET to determine the programming state of the block.
• Writable normal mode register bits are cleared to logic zero upon reset unless otherwise
noted.
• Writing into read-only normal mode register bit locations does not affect S/UNI-JET
operation unless otherwise noted.
• Certain register bits are reserved. These bits are associated with megacell functions that are
unused in this application. To ensure that the S/UNI-JET operates as intended, reserved
register bits must only be written with the suggested logic levels. Similarly, writing to
reserved registers should be avoided.
• The S/UNI-JET requires a software initialization sequence in order to guarantee proper
device operation and long term reliability. Please refer to Section 13.1 of this document for
the details on how to program this sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com