Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8534H Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 16Page - NXP Semiconductors PCF8534H Datasheet HTML 17Page - NXP Semiconductors PCF8534H Datasheet HTML 18Page - NXP Semiconductors PCF8534H Datasheet HTML 19Page - NXP Semiconductors PCF8534H Datasheet HTML 20Page - NXP Semiconductors PCF8534H Datasheet HTML 21Page - NXP Semiconductors PCF8534H Datasheet HTML 22Page - NXP Semiconductors PCF8534H Datasheet HTML 23Page - NXP Semiconductors PCF8534H Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
20 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
7.5 Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge
bit. The acknowledge bit is a HIGH level signal put on the bus by the transmitter during
which time the master generates an extra acknowledge related clock pulse. A slave
receiver which is addressed must generate an acknowledge after the reception of each
byte. Also a master receiver must generate an acknowledge after the reception of each
byte that has been clocked out of the slave transmitter. The device that acknowledges
must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is
stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and
hold times must be taken into consideration). A master receiver must signal an end of data
to the transmitter by not generating an acknowledge on the last byte that has been
clocked out of the slave. In this event the transmitter must leave the data line HIGH to
enable the master to generate a STOP condition. Acknowledgement on the I2C-bus is
illustrated in Figure 14.
7.6 PCF8534 I2C-bus controller
The PCF8534 acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus master receiver. The only data output from the PCF8534 are
the acknowledge signals of the selected devices. Device selection depends on the
I2C-bus slave address, on the transferred command data and on the hardware
subaddress.
Fig 13. System configuration
mga807
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
SLAVE
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
MASTER
TRANSMITTER/
RECEIVER
Fig 14. Acknowledgement of the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com