Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8534H Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 17Page - NXP Semiconductors PCF8534H Datasheet HTML 18Page - NXP Semiconductors PCF8534H Datasheet HTML 19Page - NXP Semiconductors PCF8534H Datasheet HTML 20Page - NXP Semiconductors PCF8534H Datasheet HTML 21Page - NXP Semiconductors PCF8534H Datasheet HTML 22Page - NXP Semiconductors PCF8534H Datasheet HTML 23Page - NXP Semiconductors PCF8534H Datasheet HTML 24Page - NXP Semiconductors PCF8534H Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
21 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
In single device application, the hardware subaddress inputs A0, A1 and A2 are normally
tied to VSS which defines the hardware subaddress 0. In multiple device applications
A0, A1 and A2 are tied to VSS or VDD in accordance with a binary coding scheme such
that no two devices with a common I2C-bus slave address have the same hardware
subaddress.
7.7 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
7.8 I2C-bus protocol
Two I2C-bus slave addresses (01110000 and 01110010) are reserved for the PCF8534.
The least significant bit of the slave address that a PCF8534 will respond to is defined by
the level tied at its input SA0. The PCF8534 is a write only device and will not respond to
a read access. Therefore, two types of PCF8534 can be distinguished on the same
I2C-bus which allows:
1. Up to 16 PCF8534’s on the same I2C-bus for very large LCD applications
2. The use of two types of LCD multiplex on the same I2C-bus.
The I2C-bus protocol is shown in Figure 15. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the two PCF8534 slave
addresses available. All PCF8534’s with the corresponding SA0 level acknowledge in
parallel to the slave address, but all PCF8534’s with the alternative SA0 level ignore the
whole I2C-bus transfer.
After acknowledgement, a control byte follows which defines if the next byte is RAM or
command information. The control byte also defines if the next following byte is a control
byte or further RAM/command data.
In this way it is possible to configure the device then fill the display RAM with little
overhead.
The command bytes and control bytes are also acknowledged by all addressed
PCF8534’s connected to the bus.
The display bytes are stored in the display RAM at the address specified by the data
pointer and the subaddress counter. Both data pointer and subaddress counter are
automatically updated and the data is directed to the intended PCF8534 device.
The acknowledgement after each byte is made only by the (A0, A1 and A2) addressed
PCF8534. After the last display byte, the I2C-bus master issues a STOP condition (P).
Alternatively a START may be issued to RESTART an I2C-bus access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com