Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16501TA-E/RMB Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP16501TA-E/RMB
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501TA-E/RMB Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP16501TA-E/RMB Datasheet HTML 29Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 30Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 31Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 32Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 33Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 34Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 35Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 36Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 33
MCP16501
5.7
nSTRT Capacitor for Automatic
Turn-On on VIN Ramping
As shown in Figure 4-1, it is possible to configure the
MCP16501 for automatic start-up upon input voltage
(VIN) ramping/power cycling by connecting a capacitor
on nSTRT pin. The purpose of the capacitor (C in
Figure 4-1) is to delay the rise of the nSTRT pin when
VIN ramps up, such that after the VIN pin voltage
(connected to VIN) has stabilized, the logic level of the
nSTRT pin will still be low for a long time which is
enough to be interpreted as a valid start-up event (i.e.,
longer than t1; see Section 4.4.1 “Typical Power-up
Sequence and Timing”).
Under the assumption that the VIN ramping is much
shorter than the rise time of the nSTRT pin voltage, the
recommended amount of capacitance needed for
generation of a valid start-up event is given by the
formula in Equation 5-3.
After the selection of capacitor C, the resulting C
RPU_nSTRT time constant must be compared to the
actual VIN ramping time to verify that indeed the nSTRT
rise time is much slower.
It is recommended that the time constant C RPU_nSTRT
be at least one order of magnitude larger than the
slowest VIN ramping time expected in the application. If
this is not true, the capacitor value C must be increased
further. Using a 1 µF capacitor for C, the C RPU_nSTRT
time constant will be 40 ms, which is adequate for VIN
ramping times in the ms range.
In atypical application in which the input voltage is
unreliable or the ramp-up time is unknown or too long,
an alternative to the startup using the nSTRT capacitor
is to use a voltage supervisor circuit whose output will
drive the PWRHLD directly.
EQUATION 5-3:
C
t1 t
+
RPU_nSTRT
e
VIN
VIN VIL_nSRT
–
------------------------------------


log
--------------------------------------------------------------------------------------
t1 t
+
RPU_nSTRT
e
1
10.36
–
-------------------


log
--------------------------------------------------------------------
2.24
t1 t
+
RPU_nSTRT
---------------------------
==
Where:
RPU_nSTRT = nSTRT Pin Pull-up Resistance (40 kΩ typical value)
VIL_nSTRT = nSTRT Logic Low Input Voltage (0.36 VIN, maximum value)
VIN = Input Voltage (VIN pin is connected to the voltage VIN)
t1 = Delay from nSTRT Falling to First Output VOUT1 Starting (≈ 0.5 ms); see Section 4.4.1
“Typical Power-up Sequence and Timing”
Δt = Additional Delay from VIN Voltage established to the Detection of a Logic Low Level on
nSTRT (due to internal logic wake-up time): ≈ 100 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com