Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16501TA-E/RMB Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP16501TA-E/RMB
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501TA-E/RMB Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP16501TA-E/RMB Datasheet HTML 7Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 8Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 9Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 10Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 11Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 12Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 13Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 14Page - Microchip Technology MCP16501TA-E/RMB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 11
MCP16501
Note: Unless otherwise specified: VIN = VIN = PVINx = 5V; L1 = L2 = L3 = 2.2 µH; COUT1 = COUT2 = COUT3 = 22 µF, TA
= +25°C
FIGURE 2-7:
Switching Frequency vs.
Temperature – Active Mode (LPM = Low,
PWRHLD = High).
FIGURE 2-8:
Buck3 Output Voltage vs.
Temperature – VOUT3 = 1.25V, Active Mode
(LPM = Low, PWRHLD = High).
FIGURE 2-9:
MOSFET RDS(ON) vs.
Temperature.
FIGURE 2-10:
LDO Output Voltage vs.
Output Current and Temperature (Load
Regulation – VLOUT =3.3V).
FIGURE 2-11:
LDO Dropout Voltage vs.
Load Current.
FIGURE 2-12:
nSTRT Start-Up Sequence.
1.80
1.85
1.90
1.95
2.00
2.05
2.10
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
V
R_BUCK1 = 3.3V
V
R_BUCK2 = 1.8V
Buck1
Buck2
Buck3
V
R_BUCK3 = 1.25V
V
IN=5V
1.230
1.235
1.240
1.245
1.250
1.255
1.260
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
V
R_BUCK3 = 1.25V
V
IN = 5V
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
-40 -25 -10
5
203550658095 110 125
Ambient Temperature (°C)
P-MOS
N-MOS
V
IN = 5V
3.20
3.21
3.22
3.23
3.24
3.25
3.26
3.27
0
50
100
150
200
250
300
Output Current (A)
T
A = -40°C
V
IN = 5V
T
A =
5°C
T
A =
25°C
T
A =
°C
0
20
40
60
80
100
120
140
160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Current (A)
PWRHLD=’1’
nSTRT
VOUT1
2V/div
VOUT2
2V/div
VOUT3
2V/div
nRSTO
5V/div
4 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com