Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB564RGFTQ1 Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB564RGFTQ1
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564RGFTQ1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB564RGFTQ1 Datasheet HTML 24Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 25Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 26Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 27Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 28Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 29Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 30Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 31Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Note
After initial power up, if no register offset is included for the read procedure (refer to Figure 7-3),
then reads start at register offset 00h and continue byte by byte through the registers until the I2C
controller terminates the read operation. During a read operation, the TUSB564-Q1 auto-increments
the I2C internal register address of the last byte transferred independent of whether or not an ACK
was received from the I2C controller.
Software must only access (read or write) addresses detailed in this document. Accessing reserved or
undocumented addresses can result in TUSB564-Q1 entering an undefined state.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com