Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB564RGFTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB564RGFTQ1
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564RGFTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB564RGFTQ1 Datasheet HTML 4Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 5Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 6Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 7Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 8Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 9Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 10Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 11Page - Texas Instruments TUSB564RGFTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ii_I2C
Input current on SDA pin
0.1 × VI2C < Input voltage < 3.3V
–10
10
µA
Ci_I2C
Input capacitance
10
pF
USB Differential Receiver (RX1P/N, RX2P/N, SSTXP/N)
VRX-DIFF-
PP
Input differential peak-peak voltage swing
linear dynamic range
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
1200
mVppd
VRX-DC-
CM
Common-mode voltage bias in the
receiver (DC)
0
V
RRX-DIFF-
DC
Differential input impedance (DC)
Present after a USB3 device is detected
on TXP/TXN
72
120
Ω
RRX-CM-
DC
Receiver DC common mode impedance
Present after a USB3 device is detected
on TXP/TXN
18
30
Ω
ZRX-HIGH-
IMP-DC-
POS
Common-mode input impedance with
termination disabled (DC)
Present when no USB3 device is
detected on TXP/TXN. Measured over the
range of 0V to 500mV with respect to
GND.
25
kΩ
VSIGNAL-
DET-DIFF-
PP
Input differential peak-to-peak signal
detect assert level
At 5Gbps, No loss and bit rate PRBS7
pattern
80
mVppd
VRX-IDLE-
DET-DIFF-
PP
Input differential peak-to-peak signal
detect de-assert level
At 5Gbps, No loss and bit rate PRBS7
pattern
60
mVppd
VRX-LFPS-
DET-DIFF-
PP
Low-frequency periodic signaling (LFPS)
detect threshold
25
℃ ≤ TA ≤ 105℃; Below the minimum
is squelched. Tested at 25MHz and
300mVppd VIN.
100
300 mVppd
RLRX-DIFF Differential return loss
50MHz to 1.25GHz at 90Ω; Lowest EQ
setting; FLIP = L;
–23
dB
RLRX-DIFF Differential return loss
2.5GHz at 90Ω; Lowest EQ setting; FLIP
= L;
–22
dB
RLRX-CM Common-mode return loss
50MHz to 2.5GHz at 90Ω; Lowest EQ
setting; FLIP = L;
–13
dB
EQSS
Receiver equalization for RX1/2 receivers
at maximum setting
At 2.5GHz; FLIP = L;
11.6
dB
EQSS
Receiver equalization for SSTX receiver
at maximum setting
At 2.5GHz; FLIP = L;
10
dB
USB Differential Transmitter (TX1P/N, TX2P/N, SSRXP/N)
VTX-DIFF-
PP
Transmitter dynamic differential voltage
swing range.
1300
mVppd
VTX-RCV-
DETECT
Amount of voltage change allowed during
Receiver Detection
At 3.3V
600
mV
VTX-CM-
IDLE-DELTA
Transmitter idle common-mode voltage
change while in U2/U3 and not actively
transmitting LFPS
Measured at the connector side of the
AC-coupling capacitor with 50Ω load
–600
600
mV
VTX-DC-
CM
Common-mode voltage bias in the
transmitter (DC)
In U0;
1.5
2.1
V
VTX-CM-
AC-PP-
ACTIVE
TX AC common-mode voltage active
At 3.3V; Maximum mismatch from
Txp+Txn for both time and amplitude
100
mVpp
VTX-IDLE-
DIFF-AC-PP
AC electrical idle differential peak-to-peak
output voltage
At package pins after high-pass filter
(HPF) to remove DC component; HPF =
1/LPF; No AC or DC signals are applied
at RX terminals;
0
10
mV
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com