Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVR16EB32 Datasheet(PDF) 37 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 37 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 33Page - Microchip Technology AVR16EB32 Datasheet HTML 34Page - Microchip Technology AVR16EB32 Datasheet HTML 35Page - Microchip Technology AVR16EB32 Datasheet HTML 36Page - Microchip Technology AVR16EB32 Datasheet HTML 37Page - Microchip Technology AVR16EB32 Datasheet HTML 38Page - Microchip Technology AVR16EB32 Datasheet HTML 39Page - Microchip Technology AVR16EB32 Datasheet HTML 40Page - Microchip Technology AVR16EB32 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
AVR16EB32 Curiosity Nano
Appendix
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 37
6.4
Programming External Microcontrollers
Use the on-board debugger on AVR16EB32 Curiosity Nano to program and debug microcontrollers
on external hardware.
6.4.1
Supported Devices
All external AVR microcontrollers with the UPDI interface can be programmed and debugged with
the on-board debugger with Microchip Studio.
External SAM microcontrollers having a Curiosity Nano Board can be programmed and debugged
with the on-board debugger with Microchip Studio.
AVR16EB32 Curiosity Nano can program and debug external AVR16EB32 microcontrollers with
MPLAB X IDE.
6.4.2
Software Configuration
No software configuration is required to program and debug the same device mounted on the
board.
To program and debug a different microcontroller than the one mounted on the board, configure
Microchip Studio to allow an independent selection of devices and programming interfaces.
1. Navigate to Tools > Options through the menu system at the application top.
2. Select the Tools > Tool settings category in the options window.
3. Set the Hide unsupported devices option to False.
Figure 6-6. Hide Unsupported Devices
Info:  Microchip Studio allows any microcontroller and interface to be
selected when the Hide unsupported devices setting is set to False - also
microcontrollers and interfaces not supported by the on-board debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com