Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVR16EB32 Datasheet(PDF) 41 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 41 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 37Page - Microchip Technology AVR16EB32 Datasheet HTML 38Page - Microchip Technology AVR16EB32 Datasheet HTML 39Page - Microchip Technology AVR16EB32 Datasheet HTML 40Page - Microchip Technology AVR16EB32 Datasheet HTML 41Page - Microchip Technology AVR16EB32 Datasheet HTML 42Page - Microchip Technology AVR16EB32 Datasheet HTML 43Page - Microchip Technology AVR16EB32 Datasheet HTML 44Page - Microchip Technology AVR16EB32 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
AVR16EB32 Curiosity Nano
Appendix
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 41
Tip: When the debugger is disconnected, an external debugger can be connected
to the holes. Connecting External Debuggers describes how to connect an
external debugger.
6.7
Getting Started with IAR™
IAR Embedded Workbench® for AVR® is a proprietary high-efficiency compiler not based on
GCC. Programming and debugging of AVR16EB32 Curiosity Nano is supported in IAR™ Embedded
Workbench for AVR using the Atmel-ICE interface. To get the programming and debugging to work,
some initial settings must be set up in the project.
The following steps will explain how to get the project ready for programming and debugging:
1. Make sure that the project to be configured is opened. Open the OPTIONS dialog for the project.
2. In the category General Options, select the Target tab. Select the device for the project, or if not
listed, the core of the device, as shown in Figure 6-10.
3. In the category Debugger, select the Setup tab. Select Atmel-ICE as the driver, as shown in Figure
6-11.
4. In the category Debugger > Atmel-ICE, select the Atmel-ICE 1 tab. Select UPDI as the interface.
Optionally select the UPDI frequency, as shown in Figure 6-12.
Info:  If the selection of Debug Port (mentioned in step 4) is grayed out, the
interface is preselected, and the user can skip this configuration step.
Figure 6-10. Select Target Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com