Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPD020N03LF2SATMA1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPD020N03LF2SATMA1
Description  MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD020N03LF2SATMA1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPD020N03LF2SATMA1 Datasheet HTML 5Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 6Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 7Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 8Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 9Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 10Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 11Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 12Page - Infineon Technologies AG IPD020N03LF2SATMA1 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
StrongIRFET™ 2 PowerTransistor, 30 V
IPD020N03LF2S
Public
Datasheet
11
Revision 1.0
https://www.infineon.com
2024‑09‑20
5   Package Outlines
Figure 1   Outline PG‑TO252‑3, dimensions in mm
DIMENSIONS
MIN.
MAX.
b
D
c
E
e
D1
A
A1
2.29
5.97
0.46
0.64
6.35
5.21
0.89
0.61
6.22
6.73
---
MILLIMETERS
2.18
0.00
2.39
0.13
b1
0.76
1.14
PG-TO252-3-U01
PACKAGE - GROUP
NUMBER:
c1
0.40
0.89
E1
4.32
---
N
H
L
L1
L2
0.50
1.40
9.40
0.89
3
1.27
1.02
1.78
10.41
e1
4.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com