Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1002-3 Datasheet(PDF) 50 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 50 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
UCS1002-3
DS20006852A-page 50
 2023 Microchip Technology Inc. and its subsidiaries
REGISTER 10-2:
OTHER STATUS REGISTER (ADDRESS 0Fh)
U-x
U-x
R-0
R-0
R-0
R-0
R-0
R-0
—
—
ALERT_PIN
ADET_PIN
CHG_ACT
EM_ACT
EM_STEP[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5
ALERT_PIN: Reflects the status of the ALERT# pin. This bit is set and cleared as the ALERT# pin
changes states.
1 = ALERT# pin is asserted low
0 = ALERT# pin is released
bit 4
ADET_PIN: Reflects the status of the A_DET# pin. When set, indicates that the A_DET# pin is asserted
low. This bit is set and cleared as the A_DET# pin changes states. (Note 1)
1 = A_DET# pin is asserted low
0 = A_DET# pin is released
bit 3
CHG_ACT: This bit is automatically set when IBUS > IBUS_CHG and cleared when IBUS < IBUS_CHG.
(Note 2)
1 = IBUS > IBUS_CHG
0 = IBUS < IBUS_CHG
bit 2
EM_ACT: Indicates that the UCS1002-3 is in the Active state and emulating. The actual profile that is
being applied is identified by PRE_EM_SEL[3:0] (see Section 10.12.1 “Applied Charger Emulation
Register”). This bit is set and automatically cleared. (Note 3)
1 = Device is in Active state and emulating
0 = Device is not emulating
bit 1-0
EM_STEP[1:0]: Indicates which stimulus/response pair is currently being applied by the charger
emulation profile as shown below. These bits are set and automatically cleared. Note that the Legacy
charger emulation profiles and the BC1.2 DCP charger emulation profile do not use Stimulus/Response
Pair #3.
00 = None Applied. Waiting for current.
01 = Stimulus/Response #1
10 = Stimulus/Response #2
00 = Stimulus/Response #3 if applicable
Note 1: If S0 is '1', PWR_EN is enabled, and VS is not present, the ADET_PIN bit cycles if the current draw
exceeds the current capacity of the bypass switch.
2: The CHG_ACT bit does not indicate that a portable device has accepted one of the charger emulation
profiles. This bit cycles during the Dedicated Charger Emulation Cycle.
3: The EM_ACT bit does not indicate that a portable device has accepted one of the emulation profiles. This
bit cycles during the Dedicated Charger Emulation Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com