Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1002-3 Datasheet(PDF) 100 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 100 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 96Page - Microchip Technology UCS1002-3 Datasheet HTML 97Page - Microchip Technology UCS1002-3 Datasheet HTML 98Page - Microchip Technology UCS1002-3 Datasheet HTML 99Page - Microchip Technology UCS1002-3 Datasheet HTML 100Page - Microchip Technology UCS1002-3 Datasheet HTML 101Page - Microchip Technology UCS1002-3 Datasheet HTML 102Page - Microchip Technology UCS1002-3 Datasheet HTML 103Page - Microchip Technology UCS1002-3 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
UCS1002-3
DS20006852A-page 100
 2023 Microchip Technology Inc. and its subsidiaries
FIGURE 11-1:
SMBus Timing Diagram.
11.2.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the
SMBus data line from a logic ‘1’ state to a logic ‘0’ state
while the SMBus clock line is in a logic ‘1’ state.
11.2.1.2
SMBus Address and RD/WR Bit
The SMBus Address Byte consists of the 7-bit client
address followed by the RD/WR indicator bit. If this
RD/WR bit is a logic ‘0’, the SMBus host is writing data
to the client device. If this RD/WR bit is a logic ‘1’, the
SMBus host is reading data from the client device.
The SMBus address is determined based on the resistor
connected on the SEL pin as shown in Table 11-2.
11.2.1.3
SMBus Data Bytes
All SMBus data bytes are sent most significant bit first
and composed of eight bits of information.
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T
HD:STA
T
SU:STO
T
HD:STA
T
HD:DAT
T
SU:DAT
T
SU:STA
T FALL
T
RISE
Note:
If it is necessary to connect the SEL pin to
VDD via a resistor, the pull-up resistor
may be any value up to 100 k
.
TABLE 11-2:
SEL PIN DECODE
Resistor (±5%)
PWR_EN Polarity
SMBus Address
GND
Active-Low
1010_111(r/w)
10 k
 pull-down resistor
Active-Low
1010_110(r/w)
12 k
 pull-down resistor
Active-Low
1010_101(r/w)
15 k
 pull-down resistor
Active-Low
1010_100(r/w)
18 k
 pull-down resistor
Active-Low
0110_000(r/w)
22 k
 pull-down resistor
Active-Low
0110_001(r/w)
27 k
 pull-down resistor
Active-Low
0110_010(r/w)
33 k
 pull-down resistor
Active-Low
0110_011(r/w)
47 k
 pull-down resistor
Active-High
0110_011(r/w)
56 k
 pull-down resistor
Active-High
0110_010(r/w)
68 k
 pull-down resistor
Active-High
0110_001(r/w)
82 k
 pull-down resistor
Active-High
0110_000(r/w)
100 k
 pull-down resistor
Active-High
1010_100(r/w)
120 k
 pull-down resistor
Active-High
1010_101(r/w)
150 k
 pull-down resistor
Active-High
1010_110(r/w)
VDD (If a pull-up resistor is used,
its value must not exceed 100 k
)
Active-High
1010_111(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com