Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C1028 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C1028
Description  5V 256K X 4 CMOS SRAM (Common I/O)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1028 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C1028 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AS7C1028
12/5/06; V.1.0
Alliance Memory
P. 4 of 8
®
Read cycle (over the operating range)3,9
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CE controlled)3,6,8,9
Parameter
Symbol
AS7C1028-12
Unit
Notes
Min
Max
Read cycle time
tRC
12
ns
Address access time
tAA
–12
ns
3
Chip enable (CE) access time
tACE
–12
ns
3
Output enable (OE) access time
tOE
–6
ns
Output hold from address change
tOH
4–
ns
5
CE LOW to output in low Z
tCLZ
3
ns
4, 5
CE HIGH to output in high Z
tCHZ
0
6
ns
4, 5
OE LOW to output in low Z
tOLZ
0
ns
4, 5
OE HIGH to output in high Z
tOHZ
0
5
ns
4, 5
Power up time
tPU
0
ns
4, 5
Power down time
tPD
–12
ns
4, 5
Undefined output/don’t care
Falling input
Rising input
Address
Dout
Data valid
tOH
tAA
tRC
Supply
current
CE
OE
Dout
tRC
1
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com