Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C1028 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C1028
Description  5V 256K X 4 CMOS SRAM (Common I/O)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1028 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C1028 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1028 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2006
Advance Information
Copyright © Alliance Memory. All rights reserved.
AS7C1028
12/5/06; V.1.0
Alliance Memory
P. 1 of 8
5V 256K X 4 CMOS SRAM (Common I/O)
®
Features
• Industrial (-40o to 85oC) temperature
• Organization: 262,144 words × 4 bits
• High speed
- 12 ns address access time
- 6 ns output enable access time
• Low power consumption via chip deselect
• One chip select plus one Output Enable pin
• Bidirectional data inputs and outputs
• TTL-compatible
• 28-pin JEDEC standard packages
- 400 mil SOJ
• ESD protection
≥ 2000 volts
Logic block diagram
A
11
A
10
262,144 x 4
Array
(262,144)
Input buffer
A0
A1
A2
A3
A4
A5
A6
A7
A
12
A
13
A
14
A
15
A
16
I/O0
I/O3
VCC
GND
OE
CE
WE
Address decoder
Control
circuit
A8
A9
A
17
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A17
A16
A15
A14
A13
A12
A11
NC
I/O3
I/O2
I/O1
I/O0
WE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
CE
OE
GND
16
15
28 Pin SOJ (400 mil)


Similar Part No. - AS7C1028

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1028

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
5V 256K X 4 CMOS SRAM (Center power and ground)
logo
Lyontek Inc.
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com