Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42L51-DNZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42L51-DNZ
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-DNZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42L51-DNZ Datasheet HTML 17Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 18Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 19Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 20Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 21Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 22Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 23Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 24Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DS679F1
21
CS42L51
14. After powering up the CS42L51, RESET should be held low after the power supplies and clocks are
settled.
15. See “Example System Clock Frequencies” on page 79 for typical MCLK frequencies.
16. See
17. “Master” on page 39
18. “MCLK” refers to the external master clock applied.
Master Mode (Note 17)
Output Sample Rate (LRCK)
All Speed Modes
(Note 17)
Fs
-Hz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Edge to SDOUT MSB Output Delay
td(MSB)
-52
ns
SDOUT Setup Time Before SCLK Rising Edge
ts(SDO-SK)
20
-
ns
SDOUT Hold Time After SCLK Rising Edge
th(SK-SDO)
30
-
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
Parameters
Symbol
Min
Max
Units
MCLK
128
-----------------
th(SK-SDO)
//
//
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB
MSB-1
MSB-1
LRCK
SCLK
SDOUT
SDIN
td(MSB)
ts(LK-SK)
tP
th
ts(SDO-SK)
Figure 4. Serial Audio Interface Slave Mode Timing
th(SK-SDO)
//
//
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB
MSB-1
MSB-1
LRCK
SCLK
SDOUT
SDIN
td(MSB)
tP
th
ts(SDO-SK)
Figure 5. Serial Audio Interface Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com