Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42L51-DNZ Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS42L51-DNZ
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-DNZ Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS42L51-DNZ Datasheet HTML 35Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 36Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 37Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 38Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 39Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 40Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 41Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 42Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
DS679F1
39
CS42L51
4.5.1
Slave
LRCK and SCLK are inputs in Slave Mode. The speed of the CODEC is automatically determined based
on the input MCLK/LRCK ratio when the Auto-Detect function is enabled. Certain input clock ratios will
then require an internal divide-by-two of MCLK* using either the MCLKDIV2 bit or the MCLKDIV2 stand-
alone control pin.
Additional clock ratios are allowed when the Auto-Detect function is disabled; but the appropriate speed
mode must be selected using the SPEED[1:0] bits.
4.5.2
Master
LRCK and SCLK are internally derived from the internal MCLK (after the divide, if MCLKDIV2 is enabled).
In Hardware Mode the CODEC operates in single-speed only. In Software Mode, the CODEC operates
in either quarter-, half-, single- or double-speed depending on the setting of the SPEED[1:0] bits.
Auto-Detect
QSM
HSM
SSM
DSM
Disabled
(Software
Mode only)
512, 768, 1024, 1536,
2048, 3072
256, 384, 512, 768,
1024, 1536
128, 192, 256, 384,
512, 768
128, 192, 256, 384
Enabled
1024, 1536, 2048*,
3072*
512, 768, 1024*, 1536*
256, 384, 512*, 768*
128, 192, 256*, 384*
*MCLKDIV2 must be enabled.
Table 3. MCLK/LRCK Ratios
÷ 256
÷ 128
÷ 512
LRCK Output
(Equal to Fs)
Single
Speed
Quarter
Speed
Half
Speed
01
10
11
SCLK Output
÷ 2
÷ 1
0
1
MCLK
MCLKDIV2
÷ 128
00
÷ 4
÷ 2
÷ 8
Single
Speed
Quarter
Speed
Half
Speed
01
10
11
÷ 2
00
Double
Speed
Double
Speed
SPEED[1:0]
Figure 17. Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com