Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABX00053 Datasheet(PDF) 10 Page - Arduino

Part # ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Datasheet(HTML) 10 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 6Page - Arduino ABX00053_V01 Datasheet HTML 7Page - Arduino ABX00053_V01 Datasheet HTML 8Page - Arduino ABX00053_V01 Datasheet HTML 9Page - Arduino ABX00053_V01 Datasheet HTML 10Page - Arduino ABX00053_V01 Datasheet HTML 11Page - Arduino ABX00053_V01 Datasheet HTML 12Page - Arduino ABX00053_V01 Datasheet HTML 13Page - Arduino ABX00053_V01 Datasheet HTML 14Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Arduino® Nano RP2040 Connect
10 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
Back View of Arduino Nano RP2040 Connect Topology
Ref.
Description
Ref.
Description
SJ4
3.3V jumper (connected)
SJ1
VUSB jumper (disconnected)
3.3 Processor
The processor is based upon the new Raspberry Pi RP2040 silicon (U1). This microcontroller provides opportunities
for low-power Internet of Things (IoT) development and embedded machine learning. Two symmetric Arm®
Cortex®-M0+ clocked at 133MHz provide computation power for embedded machine learning and parallel
processing with low power consumption. Six independent banks of 264 KB SRAM and 2MB are provided. Direct
memory access provides fast interconnect between the processors and the memory that can be made inactive
along with the core to enter a sleep state. Serial wire debug (SWD) is available from boot via the pads under the
board. The RP2040 runs at 3.3V and has an internal voltage regulator providing 1.1V.
The RP2040 controls the peripherals and digital pins, as well as analog pins (A0-A3). The I2C connections on pins A4
(SDA) and A5 (SCL) are used for connecting to the onboard peripherals and are pulled up with a 4.7 kΩ resistor.
SWD Clock line (SWCLK) and reset are also pulled up with a 4.7 kΩ resistor. An external MEMS oscillator (U7)
running at 12 MHz provides the clock pulse. Programmable IO helps to the implementation of arbitrary
communication protocol with minimal burden on the main processing cores. A USB 1.1 device interface is
implemented on the RP2040 for uploading code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com