Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABX00053 Datasheet(PDF) 18 Page - Arduino

Part # ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Datasheet(HTML) 18 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 11Page - Arduino ABX00053_V01 Datasheet HTML 12Page - Arduino ABX00053_V01 Datasheet HTML 13Page - Arduino ABX00053_V01 Datasheet HTML 14Page - Arduino ABX00053_V01 Datasheet HTML 15Page - Arduino ABX00053_V01 Datasheet HTML 16Page - Arduino ABX00053_V01 Datasheet HTML 17Page - Arduino ABX00053_V01 Datasheet HTML 18Page - Arduino ABX00053_V01 Datasheet HTML 19Page - Arduino  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Arduino® Nano RP2040 Connect
18 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
7.3 Conflict Minerals Declaration
As a global supplier of electronic and electrical components, Arduino is aware of our obligations with regards to
laws and regulations regarding Conflict Minerals, specifically the Dodd-Frank Wall Street Reform and Consumer
Protection Act, Section 1502. Arduino does not directly source or process conflict minerals such as Tin, Tantalum,
Tungsten, or Gold. Conflict minerals are contained in our products in the form of solder, or as a component in metal
alloys. As part of our reasonable due diligence Arduino has contacted component suppliers within our supply chain
to verify their continued compliance with the regulations. Based on the information received thus far we declare
that our products contain Conflict Minerals sourced from conflict-free areas.
7.4 FCC Caution
Any Changes or modifications not expressly approved by the party responsible for compliance could void the user’s
authority to operate the equipment.
This device complies with part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference
(2) this device must accept any interference received, including interference that may cause undesired operation.
FCC RF Radiation Exposure Statement:
1. This Transmitter must not be co-located or operating in conjunction with any other antenna or transmitter.
2. This equipment complies with RF radiation exposure limits set forth for an uncontrolled environment.
3. This equipment should be installed and operated with minimum distance 20cm between the radiator & your
body.
English: User manuals for license-exempt radio apparatus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alternatively on the device or both. This device complies with Industry
Canada license-exempt RSS standard(s). Operation is subject to the following two conditions:
(1) this device may not cause interference
(2) this device must accept any interference, including interference that may cause undesired operation of the
device.
French: Le présent appareil est conforme aux CNR d’Industrie Canada applicables aux appareils radio exempts de
licence. L’exploitation est autorisée aux deux conditions suivantes :
(1) l’ appareil nedoit pas produire de brouillage
(2) l’utilisateur de l’appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est susceptible
d’en compromettre le fonctionnement.
Hereby, Arduino S.r.l. declares that this product is in compliance with essential requirements and other relevant
provisions of Directive 2014/53/EU. This product is allowed to be used in all EU member states.
Frequency bands
Maximum Effective Isotropic Radiated Power (EIRP)
TBC
TBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com