Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7TC Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST72321J7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7TC Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST72321J7TC Datasheet HTML 57Page - STMicroelectronics ST72321J7TC Datasheet HTML 58Page - STMicroelectronics ST72321J7TC Datasheet HTML 59Page - STMicroelectronics ST72321J7TC Datasheet HTML 60Page - STMicroelectronics ST72321J7TC Datasheet HTML 61Page - STMicroelectronics ST72321J7TC Datasheet HTML 62Page - STMicroelectronics ST72321J7TC Datasheet HTML 63Page - STMicroelectronics ST72321J7TC Datasheet HTML 64Page - STMicroelectronics ST72321J7TC Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 189 page
background image
ST72321
61/189
PWM AUTO-RELOAD TIMER (Cont’d)
10.3.2 Functional Description
Counter
The free running 8-bit counter is fed by the output
of the prescaler, and is incremented on every ris-
ing edge of the clock signal.
It is possible to read or write the contents of the
counter on the fly by reading or writing the Counter
Access register (ARTCAR).
When a counter overflow occurs, the counter is
automatically reloaded with the contents of the
ARTARR register (the prescaler is not affected).
Counter clock and prescaler
The counter clock frequency is given by:
fCOUNTER = fINPUT / 2
CC[2:0]
The timer counter’s input clock (fINPUT) feeds the
7-bit programmable prescaler, which selects one
of the 8 available taps of the prescaler, as defined
by CC[2:0] bits in the Control/Status Register
(ARTCSR). Thus the division factor of the prescal-
er can be set to 2n (where n = 0, 1,..7).
This fINPUT frequency source is selected through
the EXCL bit of the ARTCSR register and can be
either the fCPU or an external input frequency fEXT.
The clock input to the counter is enabled by the
TCE (Timer Counter Enable) bit in the ARTCSR
register. When TCE is reset, the counter is
stopped and the prescaler and counter contents
are frozen. When TCE is set, the counter runs at
the rate of the selected clock source.
Counter and Prescaler Initialization
After RESET, the counter and the prescaler are
cleared and fINPUT = fCPU.
The counter can be initialized by:
– Writing to the ARTARR register and then setting
the FCRL (Force Counter Re-Load) and the TCE
(Timer Counter Enable) bits in the ARTCSR reg-
ister.
– Writing to the ARTCAR counter access register,
In both cases the 7-bit prescaler is also cleared,
whereupon counting will start from a known value.
Direct access to the prescaler is not possible.
Output compare control
The timer compare function is based on four differ-
ent comparisons with the counter (one for each
PWMx output). Each comparison is made be-
tween the counter value and an output compare
register (OCRx) value. This OCRx register can not
be accessed directly, it is loaded from the duty cy-
cle register (PWMDCRx) at each overflow of the
counter.
This double buffering method avoids glitch gener-
ation when changing the duty cycle on the fly.
Figure 38. Output compare control
COUNTER
FDh
FEh
FFh
FDh
FEh
FFh
FDh
FEh
ARTARR=FDh
fCOUNTER
OCRx
PWMDCRx
FDh
FEh
FDh
FEh
FFh
PWMx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com