Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7TC Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST72321J7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7TC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST72321J7TC Datasheet HTML 59Page - STMicroelectronics ST72321J7TC Datasheet HTML 60Page - STMicroelectronics ST72321J7TC Datasheet HTML 61Page - STMicroelectronics ST72321J7TC Datasheet HTML 62Page - STMicroelectronics ST72321J7TC Datasheet HTML 63Page - STMicroelectronics ST72321J7TC Datasheet HTML 64Page - STMicroelectronics ST72321J7TC Datasheet HTML 65Page - STMicroelectronics ST72321J7TC Datasheet HTML 66Page - STMicroelectronics ST72321J7TC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 189 page
background image
ST72321
63/189
PWM AUTO-RELOAD TIMER (Cont’d)
Output compare and Time base interrupt
On overflow, the OVF flag of the ARTCSR register
is set and an overflow interrupt request is generat-
ed if the overflow interrupt enable bit, OIE, in the
ARTCSR register, is set. The OVF flag must be re-
set by the user software. This interrupt can be
used as a time base in the application.
External clock and event detector mode
Using the fEXT external prescaler input clock, the
auto-reload timer can be used as an external clock
event detector. In this mode, the ARTARR register
is used to select the nEVENT number of events to
be counted before setting the OVF flag.
nEVENT = 256 - ARTARR
Caution: The external clock function is not availa-
ble in HALT mode. If HALT mode is used in the ap-
plication, prior to executing the HALT instruction,
the counter must be disabled by clearing the TCE
bit in the ARTCSR register to avoid spurious coun-
ter increments.
Figure 41. External Event Detector Example (3 counts)
COUNTER
t
FDh
FEh
FFh
FDh
OVF
ARTCSR READ
INTERRUPT
ARTARR=FDh
fEXT=fCOUNTER
FEh
FFh
FDh
IF OIE=1
INTERRUPT
IF OIE=1
ARTCSR READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com