Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7TC Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST72321J7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7TC Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST72321J7TC Datasheet HTML 163Page - STMicroelectronics ST72321J7TC Datasheet HTML 164Page - STMicroelectronics ST72321J7TC Datasheet HTML 165Page - STMicroelectronics ST72321J7TC Datasheet HTML 166Page - STMicroelectronics ST72321J7TC Datasheet HTML 167Page - STMicroelectronics ST72321J7TC Datasheet HTML 168Page - STMicroelectronics ST72321J7TC Datasheet HTML 169Page - STMicroelectronics ST72321J7TC Datasheet HTML 170Page - STMicroelectronics ST72321J7TC Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 189 page
background image
ST72321
167/189
12.12 10-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
2. Injecting negative current on any of the analog input pins significantly reduces the accuracy of any conversion being
performed on any analog input. Analog pins can be protected against negative injection by adding a Schottky diode (pin
to ground). Injecting negative current on digital input pins degrades ADC accuracy especially if performed on a pin close
to the analog input pins. Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.8
does not affect the ADC accuracy.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
0.4
2
MHz
VAREF
Analog reference voltage
0.7*VDD ≤VAREF ≤VDD
3.8
VDD
V
VAIN
Conversion voltage range 1)
VSSA
VAREF
Ilkg
Positive input leakage current for analog
input
-40°C
≤T
A≤85°C range
±250
nA
Other TA ranges
±1
µA
Negative input leakage current on ro-
bust analog pins (ROM devices only)2
VIN<VSS, | IIN |< 400µA
on adjacent robust ana-
log pin
56
µA
RAIN
External input impedance
see
Figure 96
and
Figure
972)3)4)
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation freq. of analog input signal
Hz
CADC
Internal sample and hold capacitor
12
pF
tADC
Conversion time (Sample+Hold)
fCPU=8MHz, SPEED=0 fADC=2MHz
7.5
µs
tADC
- No of sample capacitor loading cycles
- No. of Hold conversion cycles
4
11
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com