Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # LQFP
Description  Amkor offers a broad line of LQFP IC packages with a 1.4 mm body thickness.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

LQFP Datasheet(HTML) 1 Page - Amkor Technology

  LQFP_V01 Datasheet HTML 1Page - Amkor Technology LQFP_V01 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Amkor offers a broad line of LQFP (Low-profile Quad Flat Package)
IC packages designed to provide the same great benefits as TQFP
packaging with a 1.4 mm body thickness. These packages allow IC
packaging engineers, component specifiers and systems designers
to solve issues such as increasing board density, die shrink programs
and thin end-product profile.
LQFP
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Single-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
32 Ld
7 x 7
5 x 5
67.8
55.9
50.1
100 Ld
14 x 14
8 x 8
41.5
33.4
29.5
144 Ld
20 x 20
8.5 x 8.5
38.0
31.2
28.1
176 Ld
24 x 24
8 x 8
38.3
31.9
29.0
Multi-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
32 Ld
7 x7
5 x 5
47.9
42.1
39.4
100 Ld
14 x 14
8 x 8
31.7
26.8
24.7
144 Ld
20 x 20
8.5 x 8.5
31.7
26.9
24.9
176 Ld
24 x 24
8 x 8
31.9
27.3
25.4
208 Ld*
28 x 28
16 x 16
18.1
15.3
14.4
JEDEC standard test boards
*Pre-JEDEC standard test boards, tested @ 1W
Electrical Performance
Simulated Results @ 100 MHz
Package
Body Size
(mm)
Pad Size
(mm)
Lead
Inductance
(nH)
Capacitance
(pF)
Resistance
(mΩ)
32 Ld
7 x 7
5 x 5
Longest
Shortest
0.904
0.799
0.211
0.202
9.2
7.8
48 Ld
7 x 7
5 x 5
Longest
Shortest
1.110
0.962
0.225
0.200
13.8
12.0
100 Ld
14 x 14
8 x 8
Longest
Shortest
2.300
1.520
0.419
0.322
26.3
17.8
144 Ld
20 x 20
8.5 x 8.5
Longest
Shortest
6.430
4.230
1.100
1.070
62.9
52.6
176 Ld
24 x 24
8 x 8
Longest
Shortest
9.510
5.200
1.270
1.340
89.0
64.0
208 Ld
28 x 28
11 x 11
Longest
Shortest
9.670
6.190
1.380
1.210
86.2
64.8
JEDEC standard test boards
FEATURES
f
7 x 7 mm to 28 x 28 mm body size
with 1.4 mm body thickness
f
32-256 lead counts
f
Pre-plated frame options
f
Inverted pad configuration
f
Cu, Ag and Au wire available
f
Large selection of die pad sizes and
custom leadframe design available
f
Optimal for stacked die
f
Pb-free RoHs compliant materials
APPLICATIONS
Amkor’s LQFPs are an ideal
package for most IC semiconductor
technologies such as ASIC, PMU
controllers, microprocessors, gate
arrays (FPGA/PLD) and PC chip sets.
LQFP packages are particularly
well suited for electronic systems
requiring broad performance
characteristics. Such applications
include laptop PCs, video/audio,
telecom, RF, data acquisition, set-
top box, communication boards and
automotive.


Similar Part No. - LQFP_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LQFP-44 ETC-LQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
logo
List of Unclassifed Man...
LQFP-64 ETC-LQFP-64 Datasheet
42Kb / 1P
TQFP-64/ LQFP-64/ VQFP-64 Stencil (0.5 mm pitch, 10 x 10 mm body
logo
Panasonic Semiconductor
LQFP080-P-1414A PANASONIC-LQFP080-P-1414A Datasheet
370Kb / 5P
Buzzer output, remote control carrier signal output, high-current drive port
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
More results

Similar Description - LQFP_V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
LQFPPOWERQUAD2 AMKOR-LQFPPOWERQUAD2 Datasheet
139Kb / 2P
LQFP PowerQuad짰 2 Packages
LQFPPOWERQUAD4 AMKOR-LQFPPOWERQUAD4 Datasheet
142Kb / 2P
LQFP PowerQuad짰 4 Packages
PDIP AMKOR-PDIP Datasheet
393Kb / 2P
Amkor?셲 PDIP packages offer
logo
Advanced Crystal Techno...
ACT711S ACT-ACT711S Datasheet
168Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
14/09/05
ACT711E ACT-ACT711E Datasheet
276Kb / 2P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
05-08-2010
ACT711S ACT-ACT711S_13 Datasheet
419Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
13-02-2013
logo
ECS, Inc.
CSM-12R ECS-CSM-12R Datasheet
157Kb / 1P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint. This cost effective package offers a height of 2.5 mm.
logo
Omron Electronics LLC
G9SA OMRON-G9SA_15 Datasheet
1Mb / 17P
The G9SA Series Offers a Complete Line-up of Compact Units
G9SA OMRON-G9SA Datasheet
1Mb / 16P
The G9SA Series Offers a Complete Line-up of Compact Units.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com