Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TISP2240F3 Datasheet(PDF) 16 Page - Power Innovations Ltd

Part # TISP2240F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP2240F3 Datasheet(HTML) 16 Page - Power Innovations Ltd

Back Button TISP2240F3 Datasheet HTML 10Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 11Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 12Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 13Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 14Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 15Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 16Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 17Page - Power Innovations Ltd TISP2240F3 Datasheet HTML 18Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TISP2240F3, TISP2260F3, TISP2290F3, TISP2320F3, TISP2380F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
16
MARCH 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
SL003
3-pin plastic single-in-line package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
NOTES: A. Each pin centerline is located within 0,25 (0.010) of its true longitudinal position.
B. Body molding flash of up to 0,15 (0.006) may occur in the package lead plane.
1,854 (0.073) MAX
0,711 (0.028)
0,559 (0.022)
3 Places
1
2
3
Pin Spacing
2,54 (0.100) T.P.
(see Note A)
2 Places
12,9 (0.492)
MAX
4,57 (0.180)
MAX
6,60 (0.260)
6,10 (0.240)
0,356 (0.014)
0,203 (0.008)
3 Places
SL003
10,2 (0.400) MAX
8,31 (0.327)
MAX
4,267 (0.168)
MIN
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
Index
Dot
MDXXAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com