Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7060CX-32S-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # DCS-7060CX-32S-R
Description  7060X and 7260X Series 10/25/40/50/100G Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX-32S-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button DCS-7060CX-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Power Supply Speci cations
Power Supply
PWR-500AC
PWR-500DC
PWR-745AC
PWR-1100A
C
PWR-1900AC
PWR-1900DC
Input Voltage
100-240AC
-48 to -60 VDC
100-240VAC
200-240AC
200-240AC
40-72 VDC
Typical Input
Current
6.3 - 2.3A
11.8A Max (-48V)
10 - 4A
6.5 - 5.5A
11.2 - 9.5A
44A Max (-48V)
Input Frequency
50/60Hz
DC
50/60Hz
50/60Hz
50/60Hz
DC
Input Connector
IEC 320-C13
AWG #14 Max
IEC 320-C13
IEC 320-C13
IEC 60320 C20
AWG #6 Max
E ciency (Typical)
93% Platinum
90%
93% Platinum
93% Platinum
93% Platinum
95%
Compatibility
7060SX2-48YC6, 7060CX-32S, 7060CX2-32S
7060CX-32S
7260QX-64
7260CX-64
7260CX-64
7260QX-64
7060X and 7260X Series | Technical Speci cations
Environmental Characteristics
Operating Temperature
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Standards Compliance
EMC
Emissions: FCC, EN55032, EN61000-3-2, EN61000-3-3
Immunity
EN55024, EN55035
EN300 386
Safety
UL/CSA 60950-1, EN 62368-1, IEC-62368-1, IEC 60950-1
CB Scheme with all country differences
Certi cations
North America (NRTL)
European Union (EU)
BSMI (Taiwan)
C-Tick (Australia)
CCC (PRC)
KC (S. Korea)
EAC (Eurasian Customs Union)
VCCI (Japan)
European
Union
Directives
2006/95/EC Low Voltage Directive
2004/108/EC EMC Directive
2011/65/EU RoHS Directive
2012/19/EU WEEE Directive



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com