Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7060CX-32S-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7060CX-32S-R
Description  7060X and 7260X Series 10/25/40/50/100G Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX-32S-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7060CX-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX-32S-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview
Increased adoption of high performance servers coupled with applications using
higher bandwidth is accelerating the need for dense 10/40 and 25/100 Gigabit
Ethernet switching in both leaf and spine tiers of modern networks. The Arista 7060X
and 7260X Series are purpose built high performance, high density, fixed
configuration, data center switches with wire speed layer 2 and layer 3 features,
combined with advanced features for software defined cloud networking and
emerging requirements. The Arista 7060X and 7260X are key components of the
Arista portfolio of data center switches delivering a rich choice of interface speed
and density allowing customers to seamlessly evolve from existing 10GbE and
40GbE to 25GbE, 50GbE and 100GbE.
The 7060SX2-48YC6, 7060CX2-32S, 7060CX-32S and 7260CX-64 support a flexible
combination of speeds including 10G, 25G, 40G and 100G in compact form factors
that allows customers to design networks to accommodate the myriad different
applications and east-west traffic patterns found in modern data centers whilst
providing investment protection. In addition, the 7060CX2-32S and 7060SX2 enable
seamless transition for 1/10/25G servers with IEEE 25G support.
Combined with Arista EOS both the 7060X and 7260X Series deliver advanced
features for cloud, big data, virtualized and traditional data centers.
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
Data Sheet
Product Highlights
Performance
•7060CX2-32S: 32x QSFP100 and 2x SFP+
•7060SX2-48YC6: 48x SFP25 & 6x QSFP100
•7060CX-32S: 32x QSFP100 and 2x SFP+
•7260CX-64: 64x QSFP100 and 2 x SFP+
•Flexible 40GbE and 100GbE support
•Quad 10GbE or 25GbE mode support
•Up to12.8 terabits per second
•Up to 9.5 billion packets per second
•Wire speed L2 and L3 forwarding
•Latency from 450ns in 7060CX2-32S &
7060CX-32S
Data Center Optimized Design
• 32 QSFP100 ports in 1RU with typical
power of under 7W per port
• Over 93% efficient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear or rear-to-front cooling
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and VM Tracer
• OpenFlow, DirectFlow and eAPI
• 136K MAC entries
• 128K IPv4 Routes
• 104K IPv4 Host Routes
• Up to 64MB Dynamic Buffer Allocation
Resilient Control Plane
• High Performance x86 CPU
• 4GB or 8GB DRAM
• User applications can run in a VM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• sFlow
• Self-configure and recover from USB
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++
Arista EOS
The Arista 7060X and 7260X run the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7060CX2-32S: 32 x 40/100GbE QSFP100 ports, 2 SFP+ ports
Arista 7260CX-64: 64 x 40/100GbE QSFP100 ports, 2 SFP+ ports
Arista 7060SX2-48YC6: 48 x 10/25GbE SFP ports, 6 QSFP100 ports


Similar Part No. - DCS-7060CX-32S-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7060CX-32S ARISTA-DCS-7060CX-32S Datasheet
1Mb / 48P
7060 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - DCS-7060CX-32S-R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3133 KR-3133 Datasheet
52Kb / 3P
25 MHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
logo
NXP Semiconductors
MC12XS6D2 NXP-MC12XS6D2 Datasheet
1Mb / 71P
10 mOhm and 25 mOhm high-side switches
Rev. 4.0, 9/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com