Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB3785APFV Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB3785APFV
Description  Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3785APFV Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB3785APFV Datasheet HTML 5Page - fujitsu semiconductor MB3785APFV Datasheet HTML 6Page - fujitsu semiconductor MB3785APFV Datasheet HTML 7Page - fujitsu semiconductor MB3785APFV Datasheet HTML 8Page - fujitsu semiconductor MB3785APFV Datasheet HTML 9Page - fujitsu semiconductor MB3785APFV Datasheet HTML 10Page - fujitsu semiconductor MB3785APFV Datasheet HTML 11Page - fujitsu semiconductor MB3785APFV Datasheet HTML 12Page - fujitsu semiconductor MB3785APFV Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MB3785A
9
s ELECTRICAL CHARACTERISTICS
(VCC = +6 V, Ta = +25
°C)
(Continued)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Reference voltage
VREF
IOR = –1 mA
2.475
2.500
2.525
V
Rate of changed in output
voltage vs. Temperature
∆VREF
/VREF
Ta = –30°C to +85°C
–2
±0.2
2
%
Input stability
Line
VCC = 3.6 V to 18 V
–10
–2
10
mV
Load stability
Load
IOR = –0.1 mA to –1 mA
–10
–3
10
mV
Sort-circuit output current
IOS
VREF = 2 V
–25
–8
–3
mA
Threshold voltage
VtH
——
2.72
—
V
VtL
——
2.60
—
V
Hysteresis width
VHYS
—
80
120
—
mV
Reset voltage (VCC)VR
—1.5
1.9
—
V
Input threshold voltage
Vth
—
2.45
2.50
2.55
V
Input bias current
IIB
VI = 0 V
–200
–100
—
nA
Input voltage range
VI
—–0.2
—
VCC
V
Input offset voltage
VIO
—
0.58
0.65
0.72
V
Input bias current
IIB
VI = 0 V
–200
–100
—
nA
Common mode input voltage
range
VICM
—–0.2
—
VCC–0.8
V
Threshold voltage
VtPC
—
0.60
0.65
0.70
V
Input standby voltage
VSTB
——
50
100
mV
Input latch voltage
VI
——
50
100
mV
Input source current
Ilbpc
—
–1.4
–1.0
–0.6
µA
Oscillation frequency
fOSC
CT = 300 pF, RT = 6.2 k
Ω
450
500
550
kHz
Frequency stability (VCC)
∆f/fdv VCC = 3.6 V to 18 V
—
±1
—
%
Frequency stability (Ta)
∆f/fdT Ta = –30°C to +85°C
–4
—
4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com