Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB3785APFV Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3785APFV
Description  Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3785APFV Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3785APFV Datasheet HTML 17Page - fujitsu semiconductor MB3785APFV Datasheet HTML 18Page - fujitsu semiconductor MB3785APFV Datasheet HTML 19Page - fujitsu semiconductor MB3785APFV Datasheet HTML 20Page - fujitsu semiconductor MB3785APFV Datasheet HTML 21Page - fujitsu semiconductor MB3785APFV Datasheet HTML 22Page - fujitsu semiconductor MB3785APFV Datasheet HTML 23Page - fujitsu semiconductor MB3785APFV Datasheet HTML 24Page - fujitsu semiconductor MB3785APFV Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MB3785A
21
s METHOD OF SETTING THE DEAD TIME
When the device is set for step-up inverted output based on the flyback method, the output transistor is fixed to
a full-on state (ON-duty = 100 %) at power switch-on. To prevent this problem, you may determine the voltages
on the DTC terminals (pins 4, 9, 28, and 33) from the VREF voltage so you can easily set the output transistor’s
dead time (maximum ON-duty) independently for each channel as shown below.
(1) CH1 and CH2 Channels
When the voltage on the DTC terminals (pins 4 and 9) is higher than the triangular-wave output voltage from
the oscillator, the output transistor turns off. The dead time calculation formula assuming that triangular-wave
amplitude := 0.6 V and triangular-wave minimum voltage := 1.3 V is given below.
When you do not use these DTC terminals, connect them to GND.
(2) CH3 and CH4 Channels
When the voltage on the DTC terminals (pins 28 and 33) is lower than the triangular-wave output voltage from
the oscillator, the output transistor turns off. The dead time calculation formula assuming that triangular-wave
amplitude := 0.6 V and triangular-wave maximum voltage := 1.9 V is given below.
When you do not use these DTC terminals, connect them to VREF.
Duty (OFF)
× 100 [%], Vdt =
× VREF
Vdt – 1.3
R1 + R2
R2
0.6
:=
Figure 9. When Using DTC to Set Dead Time
Figure 10. When Not Using DTC
VREF
R1
R2
DTC1
(DTC2)
Vdt
19
DTC1
(DTC2)
Duty (OFF)
× 100 [%], Vdt =
× VREF
1.9 –Vdt
R1 + R2
R2
0.6
:=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com