Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7368X-BND-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7368X-BND-R
Description  7368X4 Series 100/200/400G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7368X-BND-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7368X-BND-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7368X4 Series | Technical Speci cations
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
IEC 62368-1:2014
Certi cations
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
European Union
Directives
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated Directive
Further
Information
Product Certi cation Portal
Environmental Characteristics
Operating Temperature 1
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Power Supply Speci cations
Power Supply
PWR-1900AC
PWR-1900-DC
Output Power
1900W
1900W
Input Voltage
200-240AC
40-72 VDC
Typical Input
Current
11.2 - 9.5A
44A Max (-48V)
Input Frequency
50/60Hz
DC
Input Connector
IEC 60320 C20
AWG #6 Max
E ciency (Typical)
93% Platinum
95%
Switch Card
DCS-7368X4-SC
Packet Bu er Memory
64MB (Dynamic Bu er
Allocation)
Maximum Throughput
12.8 Tbps / 8 Bpps
Latency
700ns
Size (HxWxD)
4.8” x 17.0” x 16.4”
(12..2 x 43.2 x 41.6cm)
Weight
28.0 lbs (12.73 kg)
Typical/Max Power Draw
204W / 364W
Chassis Support
DCS-7368-CH
Minimum EOS
4.22.0
Supported Optics and Cables *
10GbE
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m Duplex MMF
10GBASE-SR
300m Duplex MMF
10GBASE-LRL
1km SM Duplex
10GBASE-LR
10km SM Duplex
10GBASE-ER
40km SM Duplex
10GBASE-ZR
80km SM Duplex
10GBASE-DWDM
80km SM Duplex
Supported Optics and Cables *
25GbE
25G SFP Ports
25GBASE-CR
SFP25 to SFP25: 1m-5m
25GBASE-AOC
SFP+ to SFP+: 3m-30m
25GBASE-MR-XSR
200m OM3 / 300m OM4 Duplex MMF
25GBASE-SR
70m Duplex MMF
25GBASE-LR
10km SM Duplex
25GBASE-MR-LR
10km SM Duplex
* Check EOS release notes for support



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com