Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7368X-BND-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7368X-BND-R
Description  7368X4 Series 100/200/400G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7368X-BND-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7368X-BND-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7368X-BND-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
The expansion of applications for machine learning and arti cial intelligence driven
by faster CPUs, ash storage and server less compute is driving the next generation
of datacenter cloud networks based on 100G and 400G Ethernet. Evolution to the
next generation requires systems that deliver optimized performance, addressing
the growth and increased scale of modern cloud environments, in addition to
compatibility with existing 100G and 400G networks in a consistent and proven
architecture.
The Arista 7368X4 series is built on a single 12.8 Tbps high capacity packet processor
in an extremely compact 4RU form factor that increases the network radix for high
density switching, reduces tiers and simpli es networks. Line rate performance and
proven layer 2 and layer 3 features with up to 128 ports of 100G or 32 ports of 400G
provides signi cant improvements to both system density and power e ciency. In
addition to the high performance and density the 7368X4 delivers advances in
tra c awareness, congestion handling and instrumentation to allow network wide
visibility and monitoring.
The Arista 7368X4, with the Arista 7060X and 7260X portfolio of data center
switches, delivers a rich choice of port speed and density including 25G, 100G, 200G
and 400G enabling consistent network architectures that seamlessly scale from small
dedicated clusters to the needs of the largest multi-tier hyper-scale cloud networks.
All elements of the 7368X4 are eld replaceable, and optimized for simple
maintenance, a broad range of network interfaces with a choice of industry standard
interfaces allowing for easy transitions to the latest 100G/400G networks.
Combined with Arista EOS the 7368X4 series deliver advanced features for hyper-
scale networks, server-less compute, big data farms and machine learning clusters.
7368X4 Series 100/200/400G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7368X4: 128 x 100G or 32 x 400G
• High density 100G and 400G
• Flexible 10G, 25G, 100G, 200G and 400G
support
• Up to 12.8 Tbps system capacity
• Up to 8 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 700 ns for 400G
Data Center Optimized Design
• 128 ports of 100G in 4RU
• All active components eld removable
• Mix and match IO Modules
• Typical power of under 10W per 100G port
• Over 93% e cient power supplies
• N+N redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear and rear-to-front cooling
• Tool less rails for simple installation
Cloud Networking Ready
• 128-way ECMP for hyper-scale networks
• Dynamic Load Balancing for advanced
multi-pathing
• Advanced Congestion Management for
NVMe and AI workloads
• Flow aware tra c scheduling
• Shared 64MB Bu er with burst absorption
• Up to 72K MAC and 80K Host entries
• Over 480K IPv4 Routes
• Over 300K IPv6 Routes
• DirectFlow and eAPI
Resilient Control Plane
• High Performance x86 CPU
• 32GB DRAM
• User applications can run in a VM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• sFlow
• Self-con gure and recover from USB
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++
Arista EOS
The Arista 7368X4 series run the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7368X4: 128 ports of 25G or 100G, or 32 ports of 400G


Similar Part No. - DCS-7368X-BND-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7368X4 ARISTA-DCS-7368X4 Datasheet
2Mb / 45P
QUICK START GUIDE 7368X Series Modular Data Center Switch
More results

Similar Description - DCS-7368X-BND-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
112036-0035 MOLEX2-112036-0035 Datasheet
1Mb / 3P
Series 200 Unmanaged Switches
logo
KR Electronics, Inc.
2649-2 KR-2649-2 Datasheet
91Kb / 3P
200 MHz Center Frequency
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
200 KHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com