Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7308X-BND2-DC-R Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # DCS-7308X-BND2-DC-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308X-BND2-DC-R Datasheet(HTML) 5 Page - Arista Networks, Inc

  DCS-7308X-BND2-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7300 Supervisor Module
The supervisor modules for the 7300 series run Arista Extensible Operating
System (EOS) and handle all control plane and management functions of the
system. One supervisor module is needed to run the system and a second
can be added for stateful 1+1 redundancy. Each supervisor module takes up
only a half slot resulting in very efficient use of space and a higher density
design. The quad-core x86 CPU with 16GB of DRAM and an optional SSD
provides the control plane performance needed to run an advanced data
center switch scaling to over 1,000 physical ports and thousands of virtual
ports. A pulse per second clock input port enables synchronizing with an
external source to improve the accuracy of network timing and monitoring
tools.
7300 Fabric and Fan Module
At the heart of the 7300 series is the fabric. It interconnects all line cards in a
non-blocking architecture irrespective of the traffic pattern providing a full
2.56 Tbps of forwarding to each line card module. Each line card module
connects to the fabric with multiple links and flows are spread across these
paths to efficiently utilize the available fabric capacity. The fabric modules are
always active-active, providing high availability and can be hot-swapped with
graceful performance degradation.
The fabric modules for the two chassis are different based on the size of the
chassis and each accommodate a set of individual hot-swap fan modules. The
fan modules support forward and reverse airflow and provide redundant
cooling. Each fan module can be independently replaced without any impact
of the system.
Arista 7300X Series Fabric/Fan and Fans
7300 Series | Platform Overview
7300 Power Supply Module
The 7300 series switches are equipped with a choice of reversible airflow
direction 3000W AC or 3000W DC power supplies. The power supplies
provide load sharing, support grid redundancy and are hot-swappable to
eliminate downtime when replacing power supplies. A maximum of 4 power
supplies are used on the 7304, and up to 6 power supplies on the 7308.
The AC power supplies are highly efficient in both platinum or titanium
climate saver rated options and have an efficiency of over 93% with single
stage conversion to the internal DC voltage. The DC power supplies require
inputs at-48V DC to deliver up to 3000W. The 7300 Series uses multiple small
power supplies which allows for incremental provisioning and smaller input
circuits. Variable power supply fan speeds ensure power supply efficiency is
optimized and reduces noise in data center environments.
Arista 7300X Series Power Supplies
Arista 7300X Series Supervisor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com