Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7308X-BND2-DC-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # DCS-7308X-BND2-DC-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308X-BND2-DC-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button DCS-7308X-BND2-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7308X-BND2-DC-R Datasheet HTML 12Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7300 Series | Ordering Information
Product Number Product Description
DCS-7308X-BND-R
Arista 7308X chassis bundle. Includes 7308 chassis, 4 x 3000W PS, 4 Fabric modules with fans, 1x Supervisor (R-F)
DCS-7308X-BND-D-R
Arista 7308X chassis bundle. Includes 7308 chassis, 4 x 3000W PS, 4 Fabric modules with fans, 1x Supervisor with SSD (R-F)
DCS-7308XT-BND-F
Arista 7308X chassis bundle. Includes 7308 chassis, 4x3kW Titanium PS, 4xFabrics/fans, 1x Supervisor (F-R)
DCS-7308XT-BND-D-F
Arista 7308X chassis bundle. Includes 7308 chassis, 4x3kW Titanium PS, 4xFabrics/fans, 1x Supervisor & SSD (F-R)
DCS-7304X-BND-R
Arista 7304X chassis bundle. Includes 7304 chassis, 2 x 3000W PS, 4 Fabric modules with fans, 1x Supervisor (R-F)
DCS-7304X-BND-D-R
Arista 7304X chassis bundle. Includes 7304 chassis, 2 x 3000W PS, 4 Fabric modules with fans, 1x Supervisor with SSD (R-F)
DCS-7304XT-BND-F
Arista 7304X chassis bundle. Includes 7304 chassis, 2x3KW Titanium PS, 4xFabrics/fans, 1x Supervisor (F-R)
DCS-7304XT-BND-D-F
Arista 7304X chassis bundle. Includes 7304 chassis, 2x3kW Titanium PS, 4xFabrics/ fans, 1xSupervisor & SSD (F-R)
DCS-7304X-BND2-DC-F Arista 7304X chassis bundle. Includes 7304 chassis, 2x3K DC PS, 4xFabrics/fans, 1x Supervisor (F-R)
DCS-7304X-BND2-DC-R Arista 7304X chassis bundle. Includes 7304 chassis, 2x3K DC PS, 4xFabrics/fans, 1x Supervisor (R-F)
DCS-7308X-BND2-DC-F Arista 7308X chassis bundle. Includes 7308 chassis, 4x3K DC PS, 4xFabrics/fans, 1x Supervisor (F-R)
DCS-7308X-BND2-DC-R Arista 7308X chassis bundle. Includes 7308 chassis, 4x3K DC PS, 4 Fabrics/fans, 1x Supervisor (R-F)
Power Supply Speci cations
Model
3000W AC Platinum
3000W AC Titanium
3000W DC
Model Numbers
PWR-3K-AC-R
PWR-3KT-AC-BLUE
PWR-3KT-AC-RED
PWR-3K-DC-BLUE
PWR-3K-DC-RED
Input Voltage
200 - 240V, 16A
(20A North America)
-48 to -60V DC,
69A Max (-48V)
Input Frequency
50/60 Hz, single phase AC
DC
Output Power
3000W
(2550W in reverse)
3000W
3000W
Input Connector
IEC 320 C19
IEC 320 C19
AWG #2 Max
E ciency (Typical)
Over 93% Platinum
Over 94% Titanium
90%
Size (WxHxD)
2.75” x 4.13” x 11.65” (7.0 x 10.5 x 29.6cm)
Weight
5.5 lbs (2.49 kg)
Chassis Support
DCS-7308 and DCS-7304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com