Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7280CR3AM-72-R Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # DCS-7280CR3AM-72-R
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280CR3AM-72-R Datasheet(HTML) 5 Page - Arista Networks, Inc

  DCS-7280CR3AM-72-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
7280R3A Accelerated sFlow
SFlow is a powerful tool used commonly by network operators for advanced network telemetry, capacity planning, security analysis and
quality of experience monitoring. Traditional sFlow utilizes a system CPU for processing samples of hundreds of thousands of flows. In
modern high performance systems guaranteed high rate sampling requires the capability to both sample and process packet rates of
billions of packets per second. With the 7280R3A Series Accelerated sFlow feature the sampling and processing of flow samples into
sFlow datagrams is handled via integrated sFlow engines capable of supporting 1:500 sampling rates on full wire speed systems or
higher rates with selective sampling based on triggers and filters. All sFlow v5 information is included in the sFlow records ensuring
consistent integration with existing standard sFlow collection and analysis tools and no loss of information.
Maximum Network Design Flexibility
•
Scalable designs with up to a 512-way ECMP provides flexibility and balances traffic evenly across the largest leaf-spine designs
•
MLAG designs are effective at almost any layer of the network and maximize cross-sectional bandwidth with fast failover times
measured in 100’s of milliseconds for link failures.
•
VXLAN gateway, bridging and routing with VMTracer features to enable next generation data center designs
•
Scalable routing tables to support internet route peering
•
Wide choice of dense 100G and 400G interfaces with broad support for flexible 10G, 25G, 50G or 200G modes.
•
Support for standards based IEEE 25GbE with mix and match support for simple and cost effective migration
•
Virtual output queue (VOQ) architecture and deep packet buffering to eliminate head of line blocking with low latency
•
ACL scalability with up to 100K entries per forwarding engine allows for rich policy control
•
Flexible allocation of L2 and L3 forwarding table resources for more design choice
•
PTP, Accelerated sFlow, DANZ and multi-port mirroring tools provide network wide visibility and monitoring to detect traffic bursts,
monitor latency and congestion and allow capacity planning to improve application performance and availability
7280R3A System Scalability
Switch Model
7280R3A Series
7280R3AK Series
Profile
L3
Balanced
L3-XL
L3-XXL
L3-XXXL
Balanced-XL
ARP Entries
88k
80k
112k
112k
80k
96k
MAC Addresses
224k
224k
256k
192k
384k
256k
IPv4 Unicast Routes
1450k
800k
2250k
2850k
3950k
1850k
Additional IPv4 Unicast
Routes with FlexRoute
+ 1792k
+ 1792k
+ 2048k
+ 1536k
+ 3072k
+ 2048k
IPv6 Unicast Routes
433-483k
250-267k
683-750k
833-950k
1100-1317k
567-617k
Multicast Routes
128k
128k
128k
128k
128k
128k
TCAM ACL Entries
(Per chip)
24k
24k
24k
24k
24k
24k
Traffic Policy ACL IPv4
Prefixes
30k
30k
430k
296k
30k
430k
Traffic Policy ACL IPv6
Prefixes
10k
10k
150k
100k
10k
150k
ECMP
512-Way
512-Way
512-Way
512-Way
512-Way
512-Way
Maximum values dependent on shared resources in some cases
7280R3A Series | Platform Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com