Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7280CR3AM-72-R Datasheet(PDF) 14 Page - Arista Networks, Inc

Part # DCS-7280CR3AM-72-R
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280CR3AM-72-R Datasheet(HTML) 14 Page - Arista Networks, Inc

Back Button DCS-7280CR3AM-72-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 18Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
7280R3A Series | Technical Specifications
Model Comparison
7280CR3A-32S
7280CR3AM-32S
7280CR3AK-32S
Ports
30 x QSFP100/200
2 x QSFP200/QSFP-DD
30 x QSFP100/200
2 x QSFP200/QSFP-DD
30 x QSFP100/200
2 x QSFP200/QSFP-DD
Max 400G Ports 1
2
2
2
Max 200G Ports 1
18
18
18
Max 100G Ports 1
36
36
36
Max 50G-1 Ports 1
56
56
56
Max 25/10G Ports 1
56
56
56
Encryption
—
All Ports
All Ports
Max Total Interfaces 2
56
56
56
Throughput (FDX)
3.6 (7.2) Tbps
3.6 (7.2) Tbps
3.6 (7.2) Tbps
Packets/Second
1.35 Bpps
1.35 Bpps
1.35 Bpps
Latency
From 3.8 us
From 3.8 us
From 3.8 us
CPU
Eight-Core x86
Eight-Core x86
Eight-Core x86
System Memory
64 Gigabytes
64 Gigabytes
64 Gigabytes
Packet Buffer Memory
4 GB
4 GB
4 GB
Synchronous Ethernet
Inband + PPS/10M/ToD
USB Ports
1
SSD Storage
120 GB
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
3 (N+1 redundant)
Airflow Direction
Front to Rear and Rear to Front
Rack Units
1 U
Size (WxHxD) inc. handles
17.3 x 1.72 x 22.27 in
(43.99 x 4.37 x 56.57 cm)
Typical/Max Power Draw 3
302 W / 481 W
Weight
28.25 lbs (12.81 kg)
Fan Tray
FAN-7011H
Power Supplies
PWR-1512-AC or PWR-1511-DC
Accelerated sFlow
Yes
EOS Feature Licenses
Group 3
Minimum EOS
4.32.1
1. Maximum port values are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities. Detailed information can be found here.
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain configurations may impose restrictions on which physical ports can be used
3. Typical power consumption measured at 25C ambient with 50% load on all ports, excludes transceivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com