Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F883ASPMC Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # MB90F883ASPMC
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F883ASPMC Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button MB90F883ASPMC Datasheet HTML 34Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 35Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 36Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 37Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 38Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 39Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 40Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 41Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
MB90880 Series
38
(Continued)
Explanation on R/W
R/W : Readable/Writable
R
: Read only
W
: Write only
Explanation on initial value
0
: The initial value of this bit is “0”.
1
: The initial value of this bit is “1”.
X
: The initial value of this bit is undefined.
-
: This bit is not used.
*
: The initial value of this bit is “1” or “0”.
It varies depending on the mode pin (MD2, MD1 or MD0 pin) .
+
: The initial value of this bit is “1” or “0”.
$
: The initial value of this bit varies depending on the operation mode of the resource.
#H* : Varies depending on the RAM area of the device.
Address
Register
abbreviation
Register name
R/W
Resource
Initial value
0079F3H
PADR4
Detection address register 4 (low)
R/W
Address match
detection function
XXXXXXXXB
0079F4H
Detection address register 4 (middle)
XXXXXXXXB
0079F5H
Detection address register 4 (high)
XXXXXXXXB
0079F6H
PADR5
Detection address register 5 (low)
R/W
Address match
detection function
XXXXXXXXB
0079F7H
Detection address register 5 (middle)
XXXXXXXXB
0079F8H
Detection address register 5 (high)
XXXXXXXXB
0079F9H
to
007FFFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com