Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F883ASPMC Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB90F883ASPMC
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F883ASPMC Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB90F883ASPMC Datasheet HTML 1Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 2Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 3Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 4Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 5Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 6Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 7Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 8Page - fujitsu semiconductor MB90F883ASPMC Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
MB90880 Series
2
■ FEATURES
•Clock
Minimum instruction execution time : 30.3 ns / 4.125 MHz source oscillation
× eight times
(in internal operation : 33 MHz/3.3 V
± 0.3 V)
PLL clock multiplication system
• Maximum memory space
16 Mbytes
• Instruction set optimized for control applications
Supported data types : bit, byte, word and long word
Standard addressing modes : 23 types
Enhanced high-precision calculation realized by 32-bit accumulator
Signed multiplication/division instructions and extended RETI instruction functions
• Instruction set supporting high-level language (C language) and multi-task operations
Introduction of system stack pointer
Symmetrical instruction set and barrel shift instructions
• Improved execution speed
4-byte queue
• Powerful interrupt functions
Eight priority levels programmable; External interrupts : 24
• Data transfer functions (
µDMAC)
Up to 16 channels
• Built-in ROM
Flash ROM : 256, 384 and 512 Kbytes; MASK ROM : 256, 384 and 512 Kbytes
• Built-in RAM
Flash RAM : 16, 24 and 30 Kbytes; MASK RAM : 16, 24 and 30 Kbytes
• General-purpose ports
Dual clock product : up to 81 channels; Single clock product : up to 83 channels
• A/D converter
RC successive approximation conversion type : 20 channels (Resolution : 8 or 10 bits)
• Multi-function serial interface
7 channels (software switchable between for SIO, UART and I2C)
•16-bit PPG
8 channels
• 8/16-bit up-down counter/timer
Event input pins : 6
8-bit up-down counters : 2
8-bit reload/compare registers : 2
• Base timer
4 channels (software switchable between 16-bit reload timer, PWC timer, PPG timer, and PWM timer)
• 16-bit I/O timer
Input capture
× 2 channels, output compare × 6 channels, free run timer × 1 channel
• Built-in dual clock generator
• Low power consumption modes
Stop mode, sleep mode, CPU intermittent operation mode, watch timer, time base timer mode
• Package
QFP-100/LQFP-100
•Process
CMOS technology
• Power supply voltage
3V : Single power supply operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com