Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC2576-ADJDDF Datasheet(PDF) 13 Page - ADDtek Corp

Part # AMC2576-ADJDDF
Description  3A STEP DOWN VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-ADJDDF Datasheet(HTML) 13 Page - ADDtek Corp

Back Button AMC2576-ADJDDF Datasheet HTML 6Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 7Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 8Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 9Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 10Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 11Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 12Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 13Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 14Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
13
DD007_E
--
DECEMBER 2006
8-Pin Plastic S.O.I.C.
SYMBOLS
MIN.
MAX.
A
0.053
0.069
A1
0.002
0.006
A2
-
0.059
D
0.190
0.197
E
0.150
0.155
H
0.228
0.244
L
0.016
0.050
θ°
0
8
UNIT: INCH
NOTES:
1. JEDEC OUTLINE. N/A
2. DIMENSIONS “D” DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS AND GATE
BURRS SHALL NOT EXCEED 15mm (.005in) PER
SIDE.
3. DIMENSIONS “E” DOES NOT INCLUDE
INTER-LEAD FLASH, OR PROTRUSIONS.
INTER-LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED .25mm (.010in) PER SIDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com