Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC2576-ADJDDF Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC2576-ADJDDF
Description  3A STEP DOWN VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-ADJDDF Datasheet(HTML) 4 Page - ADDtek Corp

  AMC2576-ADJDDF Datasheet HTML 1Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 2Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 3Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 4Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 5Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 6Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 7Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 8Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
4
DD007_E
--
DECEMBER 2006
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply VIN = 12V, ILOAD = 0.5A and the operating ambient
temperatures TJ = 25°C.
AMC2576
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
AMC2576-3.3
3.234
3.300
3.366
Output Voltage
(Note 1)
AMC2576-5.0
VOUT Test circuit of Figure 1
4.900
5.000
5.100
V
AMC2576-3.3
6V
≤V
IN ≤ 40V
3.168
3.300
3.432
Output Voltage
(Note 1)
AMC2576-5.0
VOUT
0.5A
≤ I
LOAD ≤ 3A
Test circuit of Figure 1
8V
≤V
IN ≤ 40V
4.800
5.000
5.200
V
AMC2576-3.3
6V
≤V
IN ≤ 40V
3.135
3.300
3.482
Output Voltage
(Note 1)
AMC2576-5.0
VOUT
0.5A
≤ I
LOAD ≤ 3A,
-40
°C ≤ TJ ≤ 125°C
Test circuit of Figure 1
8V
≤V
IN ≤ 40V
4.750
5.000
5.250
V
Feedback
Voltage
(Note 1)
AMC2576-ADJ VOUTFB Test circuit of Figure 2 VOUT = 5V
1.217
1.230
1.243
V
Feedback
Voltage
(Note 1)
AMC2576-ADJ VOUTFB
8V
≤V
IN ≤ 40V, VOUT = 5V,
Test circuit of Figure 2
0.5A
≤ I
LOAD ≤ 3A
1.193
1.230
1.267
V
Feedback
Voltage
(Note 1)
AMC2576-ADJ VOUTFB
8V
≤V
IN ≤ 40V, VOUT = 5V,
Test circuit of Figure 2
0.5A
≤ I
LOAD ≤ 3A,
-40
°C ≤ TJ ≤ 125°C
1.180
1.230
1.286
V
AMC2576-3.3
75
AMC2576-5.0
ILOAD = 3A
77
Efficiency
AMC2576-ADJ
ILOAD = 3A, VOUT = 5V
77
%
TJ = 25°C
47
52
58
Oscillator Frequency
fOSC
(Note 2)
-40
OC
≤ T
J ≤ 125°C
42
52
63
kHz
Quiescent Current
IQ
(Note 3)
5
10
mA
Standby Current
ISTBY ENABLE = 5V
70
200
µA
TJ = 25°C
1.4
1.8
Saturation Voltage
VSAT ILOAD = 3A (Note 4)
-40
°C ≤ TJ ≤ 125°C
2.0
V
TJ = 25°C
50
100
Feedback Bias Current
IFB
VOUT = 5V
(ADJ version only)
-40
°C ≤ TJ ≤ 125°C
500
nA
Duty Cycle (ON)
DC
(Note 5)
93
98
%
TJ = 25°C
4.2
7
8.8
Current Limit
ILIMIT (Note 2, 4)
-40
°C ≤ TJ ≤ 125°C
3.5
7.2
9
A
VOUT = 0V
0.3
2
Output Leakage Current
ILEAK (Note 3)
VOUT = -1V
9
20
mA
TJ = 25°C
2.2
1.4
VIH
VOUT = 0V
-40
°C ≤TJ ≤125°C
2.4
TJ = 25°C
1.2
1.0
ENABLE Threshold Voltage
VIL
VOUT = Normal
Output Voltage
-40
°C ≤ TJ ≤ 125°C
0.8
V
IIH
ENABLE = 5V
12
30
ENABLE Input Current
IIL
ENABLE = 0V
0
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com