Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS8007 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS8007
Description  Multiprotocol Dual Smart Card Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS8007 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS8007 Datasheet HTML 17Page - Dallas Semiconductor DS8007 Datasheet HTML 18Page - Dallas Semiconductor DS8007 Datasheet HTML 19Page - Dallas Semiconductor DS8007 Datasheet HTML 20Page - Dallas Semiconductor DS8007 Datasheet HTML 21Page - Dallas Semiconductor DS8007 Datasheet HTML 22Page - Dallas Semiconductor DS8007 Datasheet HTML 23Page - Dallas Semiconductor DS8007 Datasheet HTML 24Page - Dallas Semiconductor DS8007 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Bits 7 to 0: Timeout Counter Register 2 Bits (TOL15
to TOL8). This register can be configured to operate as
the lower 8 bits of a 16-bit counter or as the middle 8
bits of a 24-bit counter. See the
Timeout Counter
Operation section for details on configurable modes.
Timeout Counter Register 2 (TOR2)
R = unrestricted read, W = unrestricted write, -n = value after reset. This register is unchanged on RIU = 0.
76
54
32
1
0
Address 0Ah
TOL15
TOL14
TOL13
TOL12
TOL11
TOL10
TOL9
TOL8
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
Timeout Counter Register 3 (TOR3)
R = unrestricted read, W = unrestricted write, -n = value after reset. This register is unchanged on RIU = 0.
76
5
4
3
2
1
0
Address 0Bh
TOL23
TOL22
TOL21
TOL20
TOL19
TOL18
TOL17
TOL16
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
Bits 7 to 0: Timeout Counter Register 3 Bits (TOL23
to TOL16). This register can be configured to operate
as the high 8 bits of a 16-bit counter or as the high 8
bits of a 24-bit counter. See the
Timeout Counter
Operation section for details on configurable modes.
Timeout Counter Register 1 (TOR1)
R = unrestricted read, W = unrestricted write, -n = value after reset. This register is unchanged on RIU = 0.
765
432
1
0
Address 09h
TOL7
TOL6
TOL5
TOL4
TOL3
TOL2
TOL1
TOL0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
Bits 7 to 0: Timeout Counter Register 1 Bits (TOL7 to
TOL0). This register can be configured to operate as an
8-bit counter or as the lowest 8 bits of a 24-bit counter.
TOR1, TOR2, and TOR3 are concatenated to form a 24-
bit ETU counter or a pair of independent 16- and 8-bit
counters. These counters are only used when a card is
supplied an active clock. See the
Timeout Counter
Operation section for details on configurable modes.
Multiprotocol Dual Smart Card Interface
____________________________________________________________________
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com