Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS8007 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS8007
Description  Multiprotocol Dual Smart Card Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS8007 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS8007 Datasheet HTML 33Page - Dallas Semiconductor DS8007 Datasheet HTML 34Page - Dallas Semiconductor DS8007 Datasheet HTML 35Page - Dallas Semiconductor DS8007 Datasheet HTML 36Page - Dallas Semiconductor DS8007 Datasheet HTML 37Page - Dallas Semiconductor DS8007 Datasheet HTML 38Page - Dallas Semiconductor DS8007 Datasheet HTML 39Page - Dallas Semiconductor DS8007 Datasheet HTML 40Page - Dallas Semiconductor DS8007 Datasheet HTML 41Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
For the T = 0 protocol, only received characters without
parity errors are stored in the receive FIFO. When
UCR1.FIP = 1 during T = 0 reception, only those char-
acters with incorrect parity are stored to the receive
FIFO since the DS8007 is checking for inverse parity.
For the T = 1 protocol, the receive character is stored
to the FIFO no matter whether the parity checks cor-
rectly or not.
If the FIFO threshold enable bits FTE0 and FTE1 are set
to 1, the FIFO implements a programmable threshold
for the assertion of the RBF/TBE bits and the interrupt
line. In this mode, the internal FIFO length is forced to 8
bytes, and FL[2:0] (the programmable FIFO length bits)
determines the threshold value.
Characters are accumulated in the FIFO without setting
the RBF/TBE bits until the FIFO depth is greater than
the threshold value. As long as the used depth is
greater than the FL[2:0] value, the RBF/TBE bits (USR
and MSR) are set and the interrupt pin is asserted.
Reading the FIFO to a level less than or equal to the
threshold value resets the RBF/TBE bit and deasserts
the interrupt line.
Writing a zero or eight into the FL bits while the pro-
grammable threshold mode is enabled causes the
FIFO to behave as it does in nonprogrammable thresh-
old mode.
If the programmable FIFO depth is at its maximum (8
characters) the RBF/TBE bit is set when the eighth
character is received and written into the FIFO. If anoth-
er character is received while the FIFO is full, the over-
flow (OVR) status is set, and the new character
overwrites the previously received character.
If the programmable FIFO depth is set to zero, the
receipt of a single character sets RBF/TBE. Receiving
another character in this state sets the OVR bit and
overwrites the character.
The FIFO empty status bit (FE) operates as before. The
programmable threshold feature functions the same in
T = 0 and T = 1 modes.
Early Answer (EA)
If a start bit is detected on the I/O line during the ATR
between clock cycles 200–368 when the RSTx pin is
low and during the first 368 clock cycles after the RSTx
is high, it is recognized as an early answer (EA), and
the EA bit is set in the USR.EA register. When the EA bit
is set, INT is asserted.
During the early answer detection period, 46 clock
cycles sampling periods should be used to detect the
start bit and there is an undetected (uncertainty) period
of 32 clock cycles at the end for both cases (between
clock cycles 200–368 when the RSTx pin is low, and
the first 368 clock cycles after RSTx is high). Table 6
summarizes the status of the early answer bit. The
answer on the I/O line begins between 400 and 40,000
clock cycles after the rising edge of the RSTx signal.
Development and Technical
Support
The DS8007 evaluation kit (EV kit) is available to assist
in the development of designs using the DS8007 multi-
protocol smart card interface. The EV kit can be pur-
chased directly from Maxim/Dallas Semiconductor.
Contact our technical support team by email at
micro.support@dalsemi.com, or call 972-371-4448.
Multiprotocol Dual Smart Card Interface
____________________________________________________________________
39
Table 6. Early Answer Detection
WHEN START BIT
IS ASSERTED
EA BIT
STATUS
CHARACTER
RECEIVED
Between 0 and 200 clock
cycles when RSTx = low
0No
Between 200 and 368 clock
cycles when RSTx = low
1
Yes
Between 368 and 400 clock
cycles when RSTx = low
0
Yes
Within the first 368 clock
cycles after RSTx = high
1
Yes
Between 368 and 4000 clock
cycles after RSTx = high
0
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com