Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-AD85-RU0DD Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD85-RU0DD
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD85-RU0DD Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AD85-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Example of Wave Soldering Temperature Profile for TH LED
0
10
20
30
40
50
60
70
80
90
100
250
200
150
100
50
TIME (MINUTES)
PREHEAT
TURBULENT WAVE
LAMINAR WAVE
HOT AIR KNIFE
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature:
245°C± 5°C (maximum peak
temperature = 250°C)
Dwell time: 1.5 sec - 3.0 sec
(maximum = 3sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
RefertoapplicationnoteA���33�formoreinformationaboutsolderingandhandlingofhighbrightnessTHLEDlamps.
Ammo Packs Drawing
Note: Theammo-packsdrawingisapplicableforpackagingoption–DD&–ZZandregardlessofstandoffornon-standoff.
18.00
± 0.50
(0.7087
± 0.0197)
6.35
± 1.30
(0.25
± 0.0512)
12.70
± 1.00
(0.50
± 0.0394)
9.125
± 0.625
(0.3593
± 0.0246)
12.70
± 0.30
(0.50
± 0.0118)
CATHODE
0.70
± 0.20
(0.0276
± 0.0079)
20.5
± 1.00
(0.8071
± 0.0394)
A
A
VIEW A–A
∅ 4.00 ± 0.20
(0.1575
± 0.008)
TYP.
ALL DIMENSIONS IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com