Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-AD85-RU0DD Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD85-RU0DD
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD85-RU0DD Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AD85-RU0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Part Numbering System
Device Selection Guide
��otes:
1. Toleranceforluminousintensitymeasurementis±1�%
�. Theluminousintensityismeasuredonthemechanicalaxisofthelamppackage.
3. Theopticalaxisiscloselyalignedwiththepackagemechanicalaxis.
�. ThedominantwavelengthλdisderivedfromtheChromaticityDiagramandrepresentsthecolorofthelamp.
�. LEDlightoutputisbrightenoughtocauseinjuriestotheeyes.PrecautionsmustbetakentopreventlookingdirectlyattheLEDwithoutproper
safetyequipment.
Part Number
Color
Typ. Dominant
Wavelength
ld (nm)
Luminous
Intensity Iv
(cd) at 20mA
Lens Type
Standoffs
Package
Drawing
Min.
Max.
HLMP-AD8�-RU0xx
Red
630
1.�0
�.�0
Tinted,diffused
��o
A
HLMP-AD8�-RU0xx
Red
630
1.�0
�.�0
Tinted,diffused
Yes
HLMP-AM86-TW0xx
Green ���
�.�0
�.�0
Tinted,diffused
��o
A
HLMP-AM8�-TW0xx
Green
���
�.�0
�.�0
Tinted,diffused
Yes
HLMP-A�86-MQ0xx
�lue
��0
0.��
1.�0
Tinted,diffused
��o
A
HLMP-A�8�-MQ0xx
�lue
��0
0.��
1.�0
Tinted,diffused
Yes
Mechanical Option
00: Bulk
DD: Ammo Pack
ZZ: Flexi-Bin, Ammo pack
Color Bin Options
0: Full color bin distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Color
B: Blue 470nm
M: Green 525nm
D: Red 630nm
Package
A: 5mm Mini Oval
H L M P
-
-
8x
x x x xx
x x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com