Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-HM57-RU0XX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RU0XX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RU0XX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM57-RU0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Avago Color Bin on CIE 1931 Diagram
Relative Light Output vs. Junction Temperature
X
Y
1.000
Red
0.800
0.600
0.400
0.200
0.000
0.000
0.200
0.100
0.300
0.500
0.700
0.400
0.600
0.800
3
4
5
2
1 2 3
5
4
1
Blue
Green
0.1
1
10
-40
-20
0
20
40
60
80
100
120
TJ- JUNCTION TEMPERATURE - °C
GREEN
BLUE
RED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com