Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-HM57-RU0XX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RU0XX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RU0XX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HM57-RU0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RU0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Electrical/Optical Characteristics
TA = 25°C
Value
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Condition
Forward Voltage 
VF 
 
 
 
V 
IF = 20 mA 
Red 
 
2.0 
2.20 
2.40 
 
   
 
 
Green 
 
2.8 
3.30 
3.85 
Blue 
 
2.8 
3.20 
3.85 
Reverse Voltage 
VR 
 
 
 
V 
Red 
 
5.0 
 
 
 
IR = 100 µA 
 
Green, Blue 
 
5.0 
 
 
 
IR = 10 µA
Capacitance 
C 
 
 
 
pF 
VF = 0, f = 1 MHz   
Red 
 
 
40 
Green 
 
 
65 
Blue 
 
 
64
Thermal Resistance[1] 
RqJ-PIN 
 
240 
 
°C/W 
LED Junction-to-Pin
Dominant Wavelength[2,3] 
ld 
 
 
 
nm 
IF = 20 mA 
Red 
 
622 
630 
634 
 
   
 
 
Green 
 
520 
525 
540 
Blue 
 
460 
470 
480 
Peak Wavelength 
lPEAK 
 
 
 
nm 
Peak of Wavelength of Spectral  
Red 
 
 
639 
 
 
Distribution at IF = 20 mA 
 
Green 
 
 
516 
 
 
 
Blue 
 
 
464 
 
 
Spectral Half Width 
Dl1/2 
 
 
 
nm 
Wavelength Width at Spectral
Red 
 
 
17 
 
 
Distribution 1/2 Power Point at 
Green 
 
 
32 
 
 
IF = 20 mA 
Blue 
 
 
23 
 
 
 
Luminous Efficacy[4] 
hv 
 
 
 
lm/W 
Emitted Luminous 
Red 
 
 
155 
 
 
Power/Emitted Radiant Power 
Green 
 
 
520 
 
 
 
Blue 
 
 
75
Luminous Flux 
 
 
 
 
 
Red 
jV 
 
1300 
 
mlm 
IF = 20 mA 
Green 
 
 
3000 
Blue 
 
 
600
Luminous Efficiency [5] 
he 
Red 
 
 
30 
 
lm/W 
Luminous Flux/Electrical Power 
Green 
 
 
50 
 
 
IF = 20 mA 
Blue 
 
 
10
Notes:
1.  For AlInGaP Red, the thermal resistance applied to LED junction to cathode lead. For InGaN Blue and Green, the thermal resistance applied to 
LED junction to anode lead.
2.  The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp.
3.  Tolerance for each color bin limit is ± 0.5 nm.
4.  The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is 
the luminous efficacy in lumens/watt.
5.  he = jV / IF  x VF , where jV  is the emitted luminous flux, IF  is electrical forward current and VF  is the forward voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com