Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 137Page - STMicroelectronics ST72324BK4 Datasheet HTML 138Page - STMicroelectronics ST72324BK4 Datasheet HTML 139Page - STMicroelectronics ST72324BK4 Datasheet HTML 140Page - STMicroelectronics ST72324BK4 Datasheet HTML 141Page - STMicroelectronics ST72324BK4 Datasheet HTML 142Page - STMicroelectronics ST72324BK4 Datasheet HTML 143Page - STMicroelectronics ST72324BK4 Datasheet HTML 144Page - STMicroelectronics ST72324BK4 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 188 page
background image
ST72324B
Electrical characteristics
141/188
12.5
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To
obtain the total device consumption, the two current values must be added (except for Halt
mode for which the clock is stopped).
12.5.1
ROM current consumption
Table 88.
ROM current consumption
Symbol
Parameter
Conditions
32K ROM
devices
16K/8K ROM
devices
Unit
Typ
Max(1)
Typ
Max(1)
IDD
Supply current in Run mode(2)
fOSC = 2 MHz, fCPU =1MHz
fOSC = 4 MHz, fCPU =2MHz
fOSC = 8 MHz, fCPU =4MHz
fOSC =16MHz, fCPU =8MHz
0.55
1.10
2.20
4.38
0.87
1.75
3.5
7.0
0.46
0.93
1.9
3.7
0.69
1.4
2.7
5.5
mA
Supply current in Slow mode(2)
fOSC = 2 MHz, fCPU =62.5kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC =16MHz, fCPU = 500 kHz
53
100
194
380
87
175
350
700
30
70
150
310
60
120
250
500
µA
Supply current in Wait mode(2)
fOSC = 2 MHz, fCPU =1MHz
fOSC = 4 MHz, fCPU =2MHz
fOSC = 8 MHz, fCPU =4MHz
fOSC =16MHz, fCPU =8MHz
0.31
0.61
1.22
2.44
0.5
1.0
2.0
4.0
0.22
0.45
0.91
1.82
0.37
0.75
1.5
3
mA
Supply current in Slow Wait
mode(2)
fOSC = 2 MHz, fCPU =62.5kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC =16MHz, fCPU = 500 kHz
36
69
133
260
63
125
250
500
20
40
90
190
40
90
180
350
µA
Supply current in Halt mode(3)
-40°C < TA < +85°C
<1
10
<1
10
-40°C < TA < +125°C
<1
50
<1
50
Supply current in Active Halt
mode(4)
fOSC =2MHz
fOSC =4MHz
fOSC =8MHz
fOSC =16MHz
15
28
55
107
20
38
75
200
11
22
43
85
15
30
60
150
1.
Data based on characterization results, tested in production at VDD max. and fCPU max.
2.
Measurements are done in the following conditions:
- Program executed from RAM, CPU running with RAM access. The increase in consumption when executing from Flash is
50%.
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state
- LVD disabled.
- Clock input (OSC1) driven by external square wave
- In Slow and Slow Wait modes, fCPU is based on fOSC divided by 32
To obtain the total current consumption of the device, add the clock source (Section 12.6.3) and the peripheral power
consumption (Section 12.5.4).
3.
All I/O pins in push-pull 0 mode (when applicable) with a static value at VDD or VSS (no load), LVD disabled. Data based on
characterization results, tested in production at VDD max. and fCPU max.
4.
Data based on characterization results, not tested in production. All I/O pins in push-pull 0 mode (when applicable) with a
static value at VDD or VSS (no load); clock input (OSC1) driven by external square wave, LVD disabled. To obtain the total
current consumption of the device, add the clock source consumption (Section 12.6.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com