Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 138Page - STMicroelectronics ST72324BK4 Datasheet HTML 139Page - STMicroelectronics ST72324BK4 Datasheet HTML 140Page - STMicroelectronics ST72324BK4 Datasheet HTML 141Page - STMicroelectronics ST72324BK4 Datasheet HTML 142Page - STMicroelectronics ST72324BK4 Datasheet HTML 143Page - STMicroelectronics ST72324BK4 Datasheet HTML 144Page - STMicroelectronics ST72324BK4 Datasheet HTML 145Page - STMicroelectronics ST72324BK4 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 188 page
background image
Electrical characteristics
ST72324B
142/188
12.5.2
Flash current consumption
Table 89.
Flash current consumption
Symbol
Parameter
Conditions
32K Flash
16/8K Flash
Unit
Typ
Max(1)
1.
Data based on characterization results, tested in production at VDD max. and fCPU max.
Typ
Max(1)
IDD
Supply current in Run mode(2)
2.
Measurements are done in the following conditions:
- Program executed from RAM, CPU running with RAM access. The increase in consumption when executing from Flash is
50%.
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state
- LVD disabled
- Clock input (OSC1) driven by external square wave
- In Slow and Slow Wait modes, fCPU is based on fOSC divided by 32
- To obtain the total current consumption of the device, add the clock source (Section 12.6.3) and the peripheral power
consumption (Section 12.5.4).
fOSC = 2 MHz, fCPU =1MHz
fOSC = 4 MHz, fCPU =2MHz
fOSC = 8 MHz, fCPU =4MHz
fOSC =16 MHz, fCPU =8MHz
1.3
2.0
3.6
7.1
3.0
5.0
8.0
15.0
1
1.4
2.4
4.4
2.3
3.5
5.3
7.0
mA
Supply current in Slow
mode(2)
fOSC = 2 MHz, fCPU =62.5kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC =16 MHz, fCPU = 500 kHz
0.6
0.7
0.8
1.1
2.7
3.0
3.6
4.0
0.48
0.53
0.63
0.80
1
1.1
1.2
1.4
Supply current in Wait mode(2)
fOSC = 2 MHz, fCPU =1MHz
fOSC = 4 MHz, fCPU =2MHz
fOSC = 8 MHz, fCPU =4MHz
fOSC =16 MHz, fCPU =8MHz
0.8
1.2
2.0
3.5
3.0
4.0
5.0
7.0
0.6
0.9
1.3
2.3
1.8
2.2
2.6
3.6
Supply current in Slow Wait
mode(2)
fOSC = 2 MHz, fCPU =62.5kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC =16 MHz, fCPU = 500 kHz
580
650
770
1050
1200
1300
1800
2000
430
470
530
660
950
1000
1050
1200
µA
Supply current in Halt mode(3)
3.
All I/O pins in push-pull 0 mode (when applicable) with a static value at VDD or VSS (no load), LVD disabled. Data based on
characterization results, tested in production at VDD max. and fCPU max.
-40°C < TA < +85°C
<1
10<110
-40°C < TA < +125°C
5
50<150
Supply current in Active Halt
mode(4)
4.
Data based on characterization results, not tested in production. All I/O pins in push-pull 0 mode (when applicable) with a
static value at VDD or VSS (no load); clock input (OSC1) driven by external square wave, LVD disabled. To obtain the total
current consumption of the device, add the clock source consumption (Section 12.6.3).
fOSC =2MHz
fOSC =4MHz
fOSC =8MHz
fOSC =16MHz
365
380
410
500
475
500
550
650
315
330
360
460
425
450
500
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com